Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74LVC2G32 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G32
Description  DUAL 2-INPUT POSITIVE-OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G32 Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G32 Datasheet HTML 1Page - Unisonic Technologies U74LVC2G32 Datasheet HTML 2Page - Unisonic Technologies U74LVC2G32 Datasheet HTML 3Page - Unisonic Technologies U74LVC2G32 Datasheet HTML 4Page - Unisonic Technologies U74LVC2G32 Datasheet HTML 5Page - Unisonic Technologies U74LVC2G32 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LVC2G32
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-431.A
ELECTRICAL CHARACTERISTICS (TA =25°C, VCC = 3.3 V , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(1)
MAX
UNIT
IOH = -100 μAVCC = 1.65V to 5.5V VCC -0.1
IOH = -4 mA VCC = 1.65V
1.2
IOH = -8 mA VCC = 2.3V
1.9
IOH = -16 mA VCC = 3V
2.4
IOH = -24 mA VCC = 3V
2.3
High-Level Output Voltage
VOH
IOH = -32 mA VCC = 4.5V
3.8
V
IOL = 100 μAVCC = 1.65V to 5.5V
0.1
IOL = 4 mA
VCC = 1.65V
0.45
IOL = 8 mA
VCC = 2.3V
0.3
IOL = 16 mA VCC = 3V
0.4
IOL = 24 mA VCC = 3V
0.55
Low-Level Output Voltage
VOL
IOL = 32 mA VCC = 4.5V
0.55
V
Input Leakage Current
II(LEAK)
VIN = 5.5V or GND, VCC = 0 to 5.5V
±5
μA
OFF-state Current
IOFF
VIN or VO = 5.5V, VCC = 0V
±10
μA
Quiescent Supply Current
IQ
VIN = 5.5V or GND, IOUT = 0, VCC =
1.65V to 5.5V
10
μA
Additional quiescent Supply Current
Δ IQ
One input at VCC – 0.6V;
other inputs at VCC or GND;
VCC=3V to 5.5V
500
μA
Input Capacitance
CIN
VIN = VCC or GND, VCC=3.3V
5
pF
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8±0.15V, RL=1KΩ
2.4
8
VCC=2.5±0.2V, RL=500Ω
CL=30pF
1
4.4
VCC=3.3±0.3V, RL=500Ω
1
3.8
Propagation delay from input
(A or B) to output (Y)
tPLH / tPHL
VCC=5±0.5V, RL=500Ω
CL=50pF
1
3.2
ns
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 1.8V
17
VCC = 2.5V
17
VCC = 3.3V
17
Power Dissipation Capacitance
CPD
VCC = 5V
f=10MHz
19
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com