Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCM6323ATS10A Datasheet(PDF) 8 Page - Motorola, Inc

Part # SCM6323ATS10A
Description  64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6323ATS10A Datasheet(HTML) 8 Page - Motorola, Inc

Back Button SCM6323ATS10A Datasheet HTML 4Page - Motorola, Inc SCM6323ATS10A Datasheet HTML 5Page - Motorola, Inc SCM6323ATS10A Datasheet HTML 6Page - Motorola, Inc SCM6323ATS10A Datasheet HTML 7Page - Motorola, Inc SCM6323ATS10A Datasheet HTML 8Page - Motorola, Inc SCM6323ATS10A Datasheet HTML 9Page - Motorola, Inc SCM6323ATS10A Datasheet HTML 10Page - Motorola, Inc SCM6323ATS10A Datasheet HTML 11Page - Motorola, Inc SCM6323ATS10A Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MCM6323A
8
MOTOROLA FAST SRAM
WRITE CYCLE 2 (E Controlled, See Notes 1 and 2)
P
Sb l
MCM6323A–10
MCM6323A–12
MCM6323A–15
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
10
—
12
—
15
—
ns
3
Address Setup Time
tAVEL
0
—
0
—
0
—
ns
Address Valid to End of Write
tAVEH
8
—
9
—
10
—
ns
Enable to End of Write
tELEH,
tELWH
8
—
9
—
10
—
ns
4, 5
Data Valid to End of Write
tDVEH
4
—
5
—
6
—
ns
Data Hold Time
tEHDX
0
—
0
—
0
—
ns
Write Recovery Time
tEHAX
0
—
0
—
0
—
ns
NOTES:
1. A write occurs during the overlap of E low, W low, and LB and/or UB low.
2. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycles.
3. All write cycle timings are referenced from the last valid address to the first transitioning address.
4. If E goes low coincident with or after W goes low, the output will remain in a high impedance condition.
5. If E goes high coincident with or before W goes high, the output will remain in a high impedance condition.
WRITE CYCLE 2
(E Controlled)
tEHDX
tDVEH
tEHAX
tELWH
tELEH
tAVEL
tAVEH
DATA VALID
tAVAV
HIGH–Z
A (ADDRESS)
W (WRITE ENABLE)
E (CHIP ENABLE)
Q (DATA OUT)
D (DATA IN)
LB, UB (BYTE ENABLE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com