Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8PCXXG-P-T92-E-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # 8PCXXG-P-T92-E-R
Description  VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8PCXXG-P-T92-E-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button 8PCXXG-P-T92-E-R Datasheet HTML 7Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 8Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 9Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 10Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 11Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 12Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 13Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 14Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 15Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
81CXXX/81NXXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 16
www.unisonic.com.tw
QW-R502-039,P
TYPICAL PERFORMANCE CHARACTERISTICS(Cont.)
(3) Supply Current vs. Input Voltage
04
3.0
81N27
6
2
8
0.0
4.0
2.0
1.0
10
TA=80°C
25°C
04
3.0
81N28
6
2
8
0.0
4.0
2.0
1.0
10
TA=80°C
25°C
04
3.0
81N30
6
2
8
0.0
4.0
2.0
1.0
TA=80°C
10
25°C
04
3.0
81N29
6
2
8
0.0
4.0
2.0
1.0
10
TA=80°C
25°C
04
3.0
81N16
6
2
8
0.0
4.0
2.0
Input Voltage, VIN(V)
1.0
10
TA=80°C
25°C
04
3.0
81N25
6
2
8
0.0
4.0
2.0
1.0
10
TA=80°C
25°C
Input Voltage, VIN(V)
Input Voltage, VIN(V)
Input Voltage, VIN(V)
Input Voltage, VIN(V)
Input Voltage, VIN(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com