Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UD3K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD3K
Description  GENERAL PURPOSE DUAL DIGITAL TRANSISTOR)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD3K Datasheet(HTML) 1 Page - Unisonic Technologies

  UD3K Datasheet HTML 1Page - Unisonic Technologies UD3K Datasheet HTML 2Page - Unisonic Technologies UD3K Datasheet HTML 3Page - Unisonic Technologies UD3K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD3K
DUAL TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R218-004.B
GENERAL PURPOSE
(DUAL DIGITAL TRANSISTOR)
FEATURES
* Both the DTA114E chip and DTC114E chip in a SOT-363 package.
* NPN/PNP silicon transistor(Built-in resistor type)
EQUIVALENT CIRCUIT
1
2
3
45
6
R1
R1
TR1
TR2
R2
R2
SOT-363
4
5
3
2
1
6
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
12
34
56
Packing
UD3KG-AL6-R
SOT-363
G
I
O
G
I
O
Tape Reel
Note: G: GND, I: Input, O: Output
MARKING


Similar Part No. - UD3K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UD3KB05 MCC-UD3KB05 Datasheet
488Kb / 3P
High surge forward current capability
logo
Zibo Seno Electronic En...
UD3KB05 ZSELEC-UD3KB05 Datasheet
118Kb / 2P
3.0A BRIDGE RECTIFIER
UD3KB05 ZSELEC-UD3KB05 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
UD3KB05 ASEMI-UD3KB05 Datasheet
155Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Micro Commercial Compon...
UD3KB05 MCC-UD3KB05_17 Datasheet
280Kb / 3P
3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - UD3K

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB53 ROHM-EMB53_16 Datasheet
966Kb / 7P
General purpose Dual digital transistor
EMB52 ROHM-EMB52 Datasheet
865Kb / 9P
General purpose Dual digital transistor
EMB10 ROHM-EMB10_15 Datasheet
1Mb / 11P
General purpose Dual digital transistor
EMB4 ROHM-EMB4_15 Datasheet
999Kb / 9P
General purpose Dual digital transistor
EMD9 ROHM-EMD9_15 Datasheet
1Mb / 13P
General purpose (dual digital transistor)
EMH4 ROHM-EMH4_15 Datasheet
1Mb / 10P
General purpose (dual digital transistor)
EMH51 ROHM-EMH51_16 Datasheet
1Mb / 8P
General purpose (dual digital transistor)
EMB4FHA ROHM-EMB4FHA Datasheet
972Kb / 7P
General purpose (Dual digital transistor)
UMD12NFHA ROHM-UMD12NFHA Datasheet
1Mb / 10P
General purpose (Dual digital transistor)
EMH25FHA ROHM-EMH25FHA Datasheet
924Kb / 8P
General purpose (Dual digital transistor)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com