Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT136FGL-8-TF3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT136FGL-8-TF3-R
Description  TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT136FGL-8-TF3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT136FGL-8-TF3-R Datasheet HTML 1Page - Unisonic Technologies UT136FGL-8-TF3-R Datasheet HTML 2Page - Unisonic Technologies UT136FGL-8-TF3-R Datasheet HTML 3Page - Unisonic Technologies UT136FGL-8-TF3-R Datasheet HTML 4Page - Unisonic Technologies UT136FGL-8-TF3-R Datasheet HTML 5Page - Unisonic Technologies UT136FGL-8-TF3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UT136FF/FG
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R401-018,D
TYPICAL CHARACTERISTICS
Junction Temperature, TJ (°C)
α=180
α=120
α=80
α=60
α=30
α
α
8
7
6
5
4
3
2
1
0
012
345
125
119.5
108.5
114
103
97.5
92
81
88.5
RMS On-State Current, IT(RMS) (A)
Maximum On-State Dissipation, PTOT vs RMS On-
State Current,IT(RMS),Where α=Conduction Angle
IT
ITSM
Time
TJ Initial=125°C max
dIT/dt Limit
T2·G+ Quadrant
1000
100
10
10us
100us
1ms
10ms
100ms
Pulse Width, tP (s)
Maximum Permissible Non-Repetitive Peak
On-State Current,ITSM,vs Pulse Width tP, for
Sinusoidal Current,tP≤20ms
92°C
5
4
3
2
1
0
0
-50
50
100
150
Heatsink Temperature, THS (°C)
Maximum Permissible RMS Current IT(RMS)
vs Heatsink Temperature THS
IT
ITSM
Time
TJ Initial=125°C max
30
25
20
15
10
0
1
10
100
1000
Number of Cycles at 50Hz
Maximum Permissible Non-Repetitive
Peak On-State Current,ITSM,vs Number of
Cycles, for Sinusoidal Current,f=50Hz
5
0
2
4
6
8
0.01
0.1
1
10
Surge Duration, S
10
12
Maximum Permissible Repetitive RMS On-
State Current,IT(RMS),vs Surge Duration, for
Sinusoidal Current,f=50Hz,THS≤92°C
1.6
1.4
1
0.8
0.6
0.4
0
-50
50
100
150
Normalised Gate Trigger Voltage VGT(TJ)/
VGT(25°C), vs Junction Temperature TJ
1.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com