Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DTA143X Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTA143X
Description  PNP DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA143X Datasheet(HTML) 1 Page - Unisonic Technologies

  DTA143X Datasheet HTML 1Page - Unisonic Technologies DTA143X Datasheet HTML 2Page - Unisonic Technologies DTA143X Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
DTA143X
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R206-078.E
PNP DIGITAL TRANSISTOR
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications.
* The bias resistors are thin-film resistors with complete isolation to
allow positive input.
EQUIVALENT CIRCUIT
R1
R2
IN
OUT
GND(+)
IN
OUT
GND(+)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
DTA143XL-AE3-R
DTA143XG-AE3-R
SOT-23
G
I
O
Tape Reel
DTA143XL-AL3-R
DTA143XG-AL3-R
SOT-323
G
I
O
Tape Reel
DTA143XL-AN3-R
DTA143XG-AN3-R
SOT-523
G
I
O
Tape Reel
DTA143XL-T92-B
DTA143XG-T92-B
TO-92
G
O
I
Tape Box
DTA143XL-T92-K
DTA143XG-T92-K
TO-92
G
O
I
Bulk
DTA143XL-T92-R
DTA143XG-T92-R
TO-92
G
O
I
Tape Reel
DTA143XL-T9S-K
DTA143XG-T9S-K
TO-92SP
G
O
I
Bulk
MARKING (FOR SOT-23/SOT-323/SOR-523 PACKAGE)
AE3X
X: Lead Free
X: Halogen Free


Similar Part No. - DTA143X

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143X ROHM-DTA143X Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
DTA143X ROHM-DTA143X Datasheet
878Kb / 3P
DTA/DTC SERIES
logo
Unisonic Technologies
DTA143X UTC-DTA143X Datasheet
113Kb / 2P
PNP DIGITAL TRANSISTOR
logo
Rohm
DTA143X ROHM-DTA143X Datasheet
1Mb / 14P
PNP -100mA -50V Digital Transistor
logo
First Silicon Co., Ltd
DTA143X FS-DTA143X Datasheet
226Kb / 2P
Bias Resistor Transistor
More results

Similar Description - DTA143X

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
PNP Digital Transistor
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
PNP DIGITAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
PNP Digital Transistor
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
Digital Transistor(PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com