Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UZ1084L-XX-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UZ1084L-XX-TQ2-R
Description  5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ1084L-XX-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UZ1084L-XX-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UZ1084L-XX-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UZ1084L-XX-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UZ1084L-XX-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UZ1084L-XX-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UZ1084L-XX-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UZ1084
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R102-010,K
5A ADJUSTABLE/FIXED LOW
DROPOUT LINEAR REGULATOR
DESCRIPTION
The
UTC
UZ1084
-ADJ/Fixed
voltages
are
low
dropout
three-terminal regulators with 5A output current capability. These
devices have been optimized for low voltage applications including
VTT bus termination, where transient response and minimum input
voltage are critical.
On-chip
thermal
limiting
provides
protection
against
any
combination of overload and ambient temperature that would create
excessive junction temperatures.
FEATURES
*Fast transient response
*Low dropout Voltage at up to 5A
*Load regulation : 0.5% typical
*On-chip thermal limiting
APPLICATIONS
*Desktop PCs, RISC and embedded processors’ supply
*GTI, SSTL logic reference bus supply
*Low voltage VCC logic supply
*Battery-powered circuitry
*Post regulator for switching supply
*Cable and ADSL modems’ DSP core supply
*Set Top Boxes and Web Boxes modules’ supply
TO-220
1
1
TO-220F
TO-263
1
1
TO-263-3
TO-252
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UZ1084L-xx-TA3-T
UZ1084G-xx-TA3-T
TO-220
A/G
O
I
Tube
UZ1084L-xx-TF3-T
UZ1084G-xx-TF3-T
TO-220F
A/G
O
I
Tube
UZ1084L-xx-TN3-R
UZ1084G-xx-TN3-R
TO-252
A/G
O
I
Tape Reel
UZ1084L-xx-TN3-T
UZ1084G-xx-TN3-T
TO-252
A/G
O
I
Tube
UZ1084L-xx-TQ2-R
UZ1084G-xx-TQ2-R
TO-263
A/G
O
I
Tape Reel
UZ1084L-xx-TQ2-T
UZ1084G-xx-TQ2-T
TO-263
A/G
O
I
Tube
UZ1084L-xx-TQ3-R
UZ1084G-xx-TQ3-R
TO-263-3
A/G
O
I
Tape Reel
UZ1084L-xx-TQ3-T
UZ1084G-xx-TQ3-T
TO-263-3
A/G
O
I
Tube
Note: 1. xx: Output voltage, refer to Marking Information.
2. A: ADJ (for adjustable regulator), G: GND (for fixed regulator), O:VOUT, I:VIN


Similar Part No. - UZ1084L-XX-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1084L-XX-TQ2-R UTC-UZ1084L-XX-TQ2-R Datasheet
192Kb / 6P
5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084L-XX-TQ2-R UTC-UZ1084L-XX-TQ2-R Datasheet
231Kb / 6P
5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - UZ1084L-XX-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
5A Adjustable Low-Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
5A Adjustable Low-Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com