Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZDXXL-CA2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ZDXXL-CA2-R
Description  ZD1.8 THRU ZD36 ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ZDXXL-CA2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ZDXXL-CA2-R Datasheet HTML 1Page - Unisonic Technologies ZDXXL-CA2-R Datasheet HTML 2Page - Unisonic Technologies ZDXXL-CA2-R Datasheet HTML 3Page - Unisonic Technologies ZDXXL-CA2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ZD1.8 THRU ZD36
ZENER DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R601-006,G
ZD1.8 THRU ZD36 ZENER
DIODES
FEATURES
* Compact, 2-pin (SOD-323&SOD-123) and 3-pin(SOT-23)
mini-mold types for high-density mounting.
* High demand voltage range (1.8V~36V) is manufactured on
high-efficient non-wire bonding production line.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
ZDxxL-AE3-R
ZDxxG-AE3-R
SOT-23
NC
A
C
Tape Reel
ZDxxL-CA2-R
ZDxxG-CA2-R
SOD-123
A
C
-
Tape Reel
ZDxxL-CB2-R
ZDxxG-CB2-R
SOD-323
A
C
-
Tape Reel
Note:1. Pin assignment: A: Anode C: Cathode NC: No Connection
2. xx: Zener Voltage, refer to Marking Information.
(1) R: Tape Reel
(2) AE3: SOT-23, CA2: SOD-123, CB2: SOD-323
(3) G: Halogen Free, L: Lead Free
(4) refer to Marking Information
ZDxxL-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Free
(4)Zener Voltage


Similar Part No. - ZDXXL-CA2-R

ManufacturerPart #DatasheetDescription
logo
Rohm
ZDX050N50 ROHM-ZDX050N50 Datasheet
623Kb / 12P
Nch 500V 5A Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
ZDX050N50 DOINGTER-ZDX050N50 Datasheet
979Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Rohm
ZDX080N50 ROHM-ZDX080N50 Datasheet
626Kb / 12P
Nch 500V 8A Power MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
10V Drive Nch MOSFET
More results

Similar Description - ZDXXL-CA2-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
logo
RFE international
1N746A RFE-1N746A Datasheet
72Kb / 1P
LEADED (THRU-HOLE) Zener Diodes
1N4728A RFE-1N4728A Datasheet
63Kb / 1P
LEADED (THRU-HOLE) Zener Diodes
logo
Central Semiconductor C...
CTLZ6V8 CENTRAL-CTLZ6V8 Datasheet
1Mb / 2P
100mW, 3.9V thru 8.2V, Zener Diodes in miniature TLM2D3D6 package
logo
Kingtronics Internation...
ZMM1-ZMM75 KINGTRONICS-ZMM1-ZMM75 Datasheet
499Kb / 8P
ZMM1 THRU ZMM75 Silicon Epitaxial Planar Zener Diodes
logo
Thinki Semiconductor Co...
1SMA4728 THINKISEMI-1SMA4728 Datasheet
648Kb / 5P
1.0 Watt Surface Mount Type Silicon Zener Diodes (3.3Volt thru 100Volt)
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com