Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12-22-R6GHC-A30-2C Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 12-22-R6GHC-A30-2C
Description  Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

12-22-R6GHC-A30-2C Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 12-22-R6GHC-A30-2C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 9Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 10Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 11Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
12-22/R6GHC-A30/2C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 8 of 12
Device No.
Prepared date: 30-Jun-2011
Prepared by: Haizheng Gao
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is
±0.1mm, Unit = mm
RoHS
Pb
CPN :
P N : XXXXXXXXXXXXX
XXXXXXXXXXXXX
QTY : XXX
LOT NO : XXXXXXXXXX
Reference : XXXXXXXX
CAT : XXX
HUE : XXX
REF : XXX
EVERLIGHT
MADE IN TAIWAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com