Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLR155/S5 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # PLR155/S5
Description  Photo link Light Receiver Unit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR155/S5 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  PLR155/S5 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 4
Page: 4 of 8
Device NO: DPL-155-001
Prepared Date:07-25-2005
Prepared By: Chin-Chia Hsu
PLR155 Series
Measuring Method
*Fig.1 Measuring Method of Maximum and Minimum Input Power that Receiver Unit Need
Control Circuit
Standard Transmitter unit
Optical Power Meter
PLR155 Receiver Unit
Standard plastic
optic fiber cable
*Fig.2 Measuring Method of Dissipation Current
Vin
Standard Transmitter Unit
Signal
Input
16 Mbps NRZ "0101" successive signal input
Vcc
GND
Standard plastic optic fiber cable
A
GND
Vcc
Vout
PLR155 Receiver Unit
0.1uF
47uH
3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com