Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDBB550-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBB550-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB550-G Datasheet(HTML) 4 Page - Comchip Technology

  CDBB550-G Datasheet HTML 1Page - Comchip Technology CDBB550-G Datasheet HTML 2Page - Comchip Technology CDBB550-G Datasheet HTML 3Page - Comchip Technology CDBB550-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Schottky Barrier Rectifiers
Page 4
REV:A
Comchip Technology CO., LTD.
A
B
C
E
D
XXXXX
xxxxx = Product type marking code
Marking Code
QW-BB036
Part Number
CDBB520-G
Marking Code
Suggested PAD Layout
SIZE
(inch)
0.169
(mm)
4.30
2.50
2.30
0.098
0.091
DO-214AA(SMB)
6.80
0.268
E
1.80
0.071
A
B
C
D
CDBB540-G
CDBB550-G
CDBB560-G
CDBB580-G
CDBB5100-G
SS52
SS54
SS55
SS56
SS58
SS510
CDBB530-G
SS53
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
DO-214AA
(SMB)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com