Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5KP58A-G Datasheet(PDF) 5 Page - Comchip Technology

Part # 5KP58A-G
Description  5000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

5KP58A-G Datasheet(HTML) 5 Page - Comchip Technology

  5KP58A-G Datasheet HTML 1Page - Comchip Technology 5KP58A-G Datasheet HTML 2Page - Comchip Technology 5KP58A-G Datasheet HTML 3Page - Comchip Technology 5KP58A-G Datasheet HTML 4Page - Comchip Technology 5KP58A-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
QW-BTV08
REV:B
RATING AND CHARACTERISTIC (5KP-G Series)
Fig.1 Pulse Derating Curve
O
Ambient Temperature,TA ( C)
200
Number of Cycle at 60 HZ
1
10
100
300
400
500
Fig.4 Peak Pulse Power Rating Curve
0.1
Pulse Width,td (μs)
1
10
100
Fig.3 Steady State Power Derating
Curve
0
O
Lead Temperature,
(
TL
C)
4
6
8
Fig.5 Pulse Waveforem
Time (mS)
10 X 1000 Waveform as
defined by R.E.A.
50
125
200
175
150
100
75
25
0
25
0
50
75
100
O
TA = 25 C
Non-repetive pulse waveform
shown in Figure 5
0.1us
10us
1us
10ms
100us
1.0ms
0
50
125
200
175
150
100
75
25
60Hz resistive or inductive load
2
0
0
1.0
4.0
50
100
3.0
2.0
Peak value
TR=10us
Half value=
IRSM
2
o
TJ = 25 C
TD
Pluse width(TD) as the
point where the peak
current decays to 50%
of IPP
10 / 1000
waveform
μsec.
as defined by R.E.A.
(Ipp)
Breakdown Voltage,
(V)
VBR
Fig.4 Typical Junction Capacitance
100
100000
1000
10
100
1000
10000
10
1
5
500
Bi-directional @ VRWM
Uni-directional
@zero bias
Bi-directional
@zero bias
Uni-directional
@VRWM
TJ=25
f=1.0MHz
OC
1
250
350
450
TJ = TJ Max
8.3ms Single Half
Sine-Wave
Fig.2 Maximum Non-Repetitive Surge
Current
5000W Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com