Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CL50AW07-0CT Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # CL50AW07-0CT
Description  Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL50AW07-0CT Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  CL50AW07-0CT Datasheet HTML 1Page - Wabash Transformer Inc. CL50AW07-0CT Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Wire Details:
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
19
Any application, Any requirement, Contact us for our Custom Designs
Primary
Voltage
Secondary
Voltage
40 VA
Size - 7/8” X 7/8”
50 VA
Size - 7/8” X 7/8”
50 VA
Size - 7/8” X 1-1/4”
UL
UL
UL
208/230
24Vct
─
─
CL50AW00-0CT*
-
-
√
120
12
CL40E11-000*
CL50LP11-000*
CL50AW11-000*
√
-
√
24Vct
─
─
CL50AW01-0CT*
-
-
√
277
24Vct
CL40E02-0CT*
─
CL50AW02-0CT*
√
-
√
120/208/240
24Vct
─
─
CL50AW03-0CT*
-
-
√
480
24Vct
CL40E04-0CT*
─
CL50AW04-0CT*
√
-
√
120/208/240/480
24Vct
─
─
CL50AW05-0CT*
-
-
√
600
24Vct
CL40E06-0CT*
─
CL50AW06-0CT*
√
-
√
120/240
24Vct
─
─
CL50AW07-0CT*
-
-
√
240
24Vct
CL40E40-0CT*
─
CL50AW40-0CT*
√
-
√
12
CL40E10-000*
CL50LP10-000*
CL50AW10-000*
√
-
√
208/240
12
CL40E50-000*
CL50LP50-000*
CL50AW50-000*
√
-
√
24Vct
CL40E15-0CT*
─
CL50AW15-0CT*
√
-
√
380/415
24Vct
─
─
CL50AW17-0CT*
-
-
√
575
24Vct
─
─
CL50AW21-0CT
-
-
√
215/230
24Vct
─
─
CL50AW22-0CT*
-
-
√
208/240/277
24Vct
─
─
CL50AW23-0CT*
-
-
√
480/575
24Vct
─
─
CL50AW30-0CT
-
-
√
120/277
24Vct
─
─
CL50AW41-0CT
-
-
√
208/240/480
24Vct
─
─
CL50AW44-0CT*
-
-
√
208
24Vct
─
─
CL50AW45-0CT
-
-
√
220/240
24Vct
─
─
CL50AW47-0CT
-
-
√
100
24Vct
CL40E48-0CT*
─
CL50AW48-0CT*
√
-
√
220
24Vct
─
─
CL50AW49-0CT*
-
-
√
115
24Vct
─
─
CL50AW51-0CT*
-
-
√
265
24Vct
─
─
CL50AW52-0CT*
-
-
√
346
24Vct
─
─
CL50AW53-0CT*
-
-
√
208/230/460
24Vct
─
─
CL50AW54-0CT
-
-
√
400
24Vct
─
─
CL50AW55-0CT*
-
-
√
200/230/460
24Vct
─
─
CL50AW58-0CT*
-
-
√
230/460
24Vct
─
─
CL50AW59-0CT*
-
-
√
380/460
24Vct
─
─
CL50AW60-0CT*
-
-
√
Partial Selection Guide
Primary Voltage
COM
110,115,120
200,208,215
220, 230, 240
265, 277
380
400, 415
460, 480
575
600
Color
Black
White
Red
Orange
Brown
Violet
Red/White
Grey
Black/Red
Black/White
Secondary Voltage
COM
12
24
Standard leads: All leads are 12.0” L.O.C (length out of coil) 1/2” strip
Color
Blue
Yellow
Blue
Class 2 UL5085 -3 Transformer
40VA - 50VA, Core 7/8”, Non-Inherently Energy Limited
Series: CL - Lead Wires & Quick-Connects
Class 2
* Refer to page number 7. Must complete part number to specify voltages, termination, mounting & fusing.
For custom designs 3 digit customer ID will be added at the end of the part number.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com