Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLR135/T10 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # PLR135/T10
Description  Photolink- Fiber Optic Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR135/T10 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  PLR135/T10 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR135/T10 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR135/T10 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR135/T10 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR135/T10 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR135/T10 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR135/T10 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR135/T10 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 1 of 8
Device NO: DPL-135-017
Prepared Date:07-25-2005
Prepared By: Chin-Chia Hsu
Technical Data Sheet
Photolink- Fiber Optic Receiver
PLR135/T10
Features
1. High PD sensitivity optimized for red light
2. Data : NRZ signal
3. Low power consumption for extended battery
life
4. Built-in threshold control for improved noise
Margin
5. Good ESD protection: up to 8KV
6. Pb Free
7. Receiver sensitivity: up to –27dBm (Min. for 16Mbps)
up to –21dBm (Min. for 25Mbps)
8.
The product itself will remain within RoHS compliant version.
Descriptions
The optical receiver is packaged with custom
optic data link interface, integrated on a proprietary
CMOS PDIC process.
The unit functions by converting optical signals
into electric ones.
The unit is operated at 2.4 ~ 5.5 V and the signal
output interface is TTL compatible with high
performance at low power consumption.
Applications
1. Digital Optical Data-Link
2. Dolby AC-3 Digital Audio Interface


Similar Part No. - PLR135/T10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLR135 EVERLIGHT-PLR135 Datasheet
147Kb / 8P
Technical Data Sheet Photo link Light Receiver Unit
07-25-2005
PLR135-T EVERLIGHT-PLR135-T Datasheet
135Kb / 8P
Photolink - Fiber Optic Receiver
PLR135-T1 EVERLIGHT-PLR135-T1 Datasheet
129Kb / 8P
Photolink - Fiber Optic Receiver
PLR135-T2 EVERLIGHT-PLR135-T2 Datasheet
155Kb / 7P
Photolink - Fiber Optic Receiver
PLR135-T5A EVERLIGHT-PLR135-T5A Datasheet
128Kb / 8P
Photolink- Fiber Optic Receiver
More results

Similar Description - PLR135/T10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLR135-T2 EVERLIGHT-PLR135-T2 Datasheet
155Kb / 7P
Photolink - Fiber Optic Receiver
PLR135-T5P EVERLIGHT-PLR135-T5P Datasheet
136Kb / 8P
Photolink- Fiber Optic Receiver
PLR135-T6 EVERLIGHT-PLR135-T6 Datasheet
396Kb / 8P
Photolink- Fiber Optic Receiver
PLR135-T8 EVERLIGHT-PLR135-T8 Datasheet
168Kb / 8P
Photolink- Fiber Optic Receiver
EAPLRAA0 EVERLIGHT-EAPLRAA0 Datasheet
434Kb / 8P
Photolink- Fiber Optic Receiver
05.29.2013
EAPLRAA1 EVERLIGHT-EAPLRAA1 Datasheet
422Kb / 8P
Photolink- Fiber Optic Receiver
EAPLRAA5 EVERLIGHT-EAPLRAA5 Datasheet
522Kb / 8P
Photolink- Fiber Optic Receiver
EAPLRBA1 EVERLIGHT-EAPLRBA1 Datasheet
504Kb / 8P
Photolink- Fiber Optic Receiver
EAPLTAA5 EVERLIGHT-EAPLTAA5 Datasheet
436Kb / 6P
Photolink- Fiber Optic Receiver
05.28.2013
EAPLTBA3 EVERLIGHT-EAPLTBA3 Datasheet
431Kb / 6P
Photolink- Fiber Optic Receiver
09.01.2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com