Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CL75J09-0CT Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # CL75J09-0CT
Description  Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL75J09-0CT Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  CL75J09-0CT Datasheet HTML 1Page - Wabash Transformer Inc. CL75J09-0CT Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Partial Selection Guide
Lead Wire Details:
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
21
Any application, Any requirement, Contact us for our Custom Designs
Primary
Voltage
Secondary Voltage
60 VA
Size - 1.0” X 1.0”
75 VA
Size - 1.0” X 1.0”
UL
UL
208/230
24
CL60H00-000*
CL75J00-000*
√
√
24Vct
CL60H00-0CT*
CL75J00-0CT*
√
√
120
24
CL60H01-000*
CL75J01-000*
√
√
24Vct
CL60H01-0CT*
CL75J01-0CT*
√
√
277
24
CL60H02-000*
CL75J02-000*
√
√
24Vct
CL60H02-0CT*
CL75J02-0CT*
√
√
120/208/240
24
CL60H03-000*
CL75J03-000*
√
√
24Vct
CL60H03-0CT*
CL75J03-0CT*
√
√
480
24
CL60H04-000*
CL75J04-000*
√
√
24Vct
CL60H04-0CT*
CL75J04-0CT*
√
√
120/208/240/480
24
─
CL75J05-000*
-
√
24Vct
─
CL75J05-0CT*
-
√
600
24
CL60H06-000*
CL75J06-000*
√
-
24Vct
CL60H06-0CT*
CL75J06-0CT*
√
-
277/380/575
24
CL60H08-000*
CL75J08-000*
√
√
24Vct
CL60H08-0CT*
CL75J08-0CT*
√
√
380
24
CL60H09-000*
CL75J09-000*
√
-
24Vct
CL60H09-0CT*
CL75J09-0CT*
√
-
24
─
CL75J14-000*
277/380/415/480
-
√
24Vct
─
CL75J14-0CT*
-
√
208/240
24
CL60H15-000*
CL75J15-000*
√
√
12
CL60H50-000*
─
√
-
24Vct
CL60H15-0CT*
CL75J15-0CT*
√
√
380/415
24
CL60H17-000*
CL75J17-000*
√
-
24Vct
CL60H17-0CT*
CL75J17-0CT*
√
-
575
24
CL60H21-000*
CL75J21-000*
√
√
24Vct
CL60H21-0CT*
CL75J21-0CT*
√
√
480/575
24
CL60H30-000*
CL75J30-000*
√
-
24Vct
CL60H30-0CT*
CL75J30-0CT*
√
-
200/230
24
CL60H31-000*
CL75J31-000*
√
√
24Vct
CL60H31-0CT*
CL75J31-0CT*
√
√
240
24
CL60H40-000*
CL75J40-000*
√
√
24Vct
CL60H40-0CT*
CL75J40-0CT*
√
√
120/277
24
CL60H41-000*
CL75J41-000*
√
√
24Vct
CL60H41-0CT*
CL75J41-0CT*
√
√
208/240/480
24
CL60H44-000*
CL75J44-000*
√
-
24Vct
CL60H44-0CT*
CL75J44-0CT*
√
-
208
24
CL60H45-000*
CL75J45-000*
√
√
24Vct
CL60H45-0CT*
CL75J45-0CT*
√
√
100
24
CL60H48-000*
CL75J48-000*
√
√
24Vct
CL60H48-0CT*
CL75J48-0CT*
√
√
265
24
CL60H52-000*
CL75J52-000*
√
√
24Vct
CL60H52-0CT*
CL75J52-0CT*
√
√
208/230/460
24
CL60H54-000*
CL75J54-000*
√
-
24Vct
CL60H54-0CT*
CL75J54-0CT*
√
-
380/460
24
CL60H60-000*
CL75J60-000*
√
-
24Vct
CL60H60-0CT*
CL75J60-0CT*
√
-
Primary Voltage
COM
110,115,120
200,208,215
220, 230, 240
265, 277
380
400, 415
460, 480
575
600
Color
Black
White
Red
Orange
Brown
Violet
Red/White
Grey
Black/Red
Black/White
Secondary Voltage
COM
12
24
Standard leads: All leads are 12.0” L.O.C (length out of coil) 1/2” strip
Color
Blue
Yellow
Blue
Class 2 UL5085 -3 Transformer
60VA - 75VA, Non-Inherently Energy Limited
Series: CL - Lead Wires & Quick-Connects
* Refer to page number 7. Must complete part number to specify voltages, termination, mounting & fusing.
For custom designs 3 digit customer ID will be added at the end of the part number.
Class 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com