Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CEFA103-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CEFA103-G
Description  SMD Efficient Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CEFA103-G Datasheet(HTML) 1 Page - Comchip Technology

  CEFA103-G Datasheet HTML 1Page - Comchip Technology CEFA103-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Efficient Fast Recovery Rectifiers
Reverse Voltage: 50 to 600 Volts
Forward Current: 1.0 Amp
RoHS Device
Page 1
REV:A
Features
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Super fast recovery time for high efficient.
-Built-in strain relief.
-Low forward voltage drop.
Mechanical data
-Case: JEDEC DO-214AC, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.063 grams
CEFA101-G Thru. CEFA105-G
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeter)
DO-214AC (SMA)
QW-BE001
CEFA101-G
2
Notes: 1. Thermal resistance from junction to lead mounted on P.C.B. with 8.0×8.0 mm copper pad area.
Comchip Technology CO., LTD.
0.110(2.79)
0.086(2.18)
0.067(1.70)
0.051(1.29)
0.209(5.31)
0.185(4.70)
0.012(0.31)
0.006(0.15)
0.008(0.20)
0.004(0.10)
0.059(1.50)
0.035(0.89)
0.091(2.31)
0.067(1.70)
0.180(4.57)
0.160(4.06)
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Peak surge forward current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Max. average forward current
Max. instantaneous forward voltage at
1.0A
Reverse recovery time
O
Max. DC reverse current at
TA=25
C
O
rated DC blocking voltage
TA=100
C
Max. thermal resistance (Note 1)
Max. operating junction temperature
Storage temperature
CEFA102-G CEFA103-G CEFA104-G
CEFA105-G
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IO
VF
Trr
IR
RθJL
TJ
TSTG
50
50
35
100
100
70
0.92
25
200
200
140
30
1.0
5.0
200
25
150
-55 to +150
400
400
280
1.25
35
600
600
420
1.3
50
V
V
V
A
A
V
nS
μA
OC/W
OC
OC


Similar Part No. - CEFA103-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CEFA103-G COMCHIP-CEFA103-G Datasheet
108Kb / 2P
SMD Efficient Fast Recovery Rectifier
More results

Similar Description - CEFA103-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CEF860LT-G COMCHIP-CEF860LT-G Datasheet
69Kb / 4P
Efficient Fast Recovery Rectifiers
CEFA201-G COMCHIP-CEFA201-G_12 Datasheet
61Kb / 2P
SMD Efficient Fast Recovery Rectifiers
CEFB101-G COMCHIP-CEFB101-G_12 Datasheet
63Kb / 2P
SMD Efficient Fast Recovery Rectifiers
CEFB201-G COMCHIP-CEFB201-G_12 Datasheet
63Kb / 2P
SMD Efficient Fast Recovery Rectifiers
CEFC301-G COMCHIP-CEFC301-G_12 Datasheet
63Kb / 2P
SMD Efficient Fast Recovery Rectifiers
CEFM101-G COMCHIP-CEFM101-G_12 Datasheet
98Kb / 4P
SMD Efficient Fast Recovery Rectifiers
CEFN103-HF COMCHIP-CEFN103-HF Datasheet
376Kb / 4P
SMD Efficient Fast Recovery Rectifiers
CEFN103-HF COMCHIP-CEFN103-HF Datasheet
376Kb / 4P
SMD Efficient Fast Recovery Rectifiers
ACEFN103-HF COMCHIP-ACEFN103-HF Datasheet
126Kb / 4P
SMD Efficient Fast Recovery Rectifiers
logo
Formosa MS
FEGFM105-MS FORMOSA-FEGFM105-MS Datasheet
59Kb / 7P
SMD Fast Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com