Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZRT5225B-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRT5225B-HF
Description  SMD Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRT5225B-HF Datasheet(HTML) 2 Page - Comchip Technology

  CZRT5225B-HF Datasheet HTML 1Page - Comchip Technology CZRT5225B-HF Datasheet HTML 2Page - Comchip Technology CZRT5225B-HF Datasheet HTML 3Page - Comchip Technology CZRT5225B-HF Datasheet HTML 4Page - Comchip Technology CZRT5225B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Zener Diode
Page 2
Electrical Characteristics(Ta = 25°C)
REV:A
Min.
Nom.
Max.
Max.
IZT(mA)
Max.
IZK(mA)
Max.
VR(V)
CZRT5221B-HF
2.28
2.4
2.52
30
20.0
1200
0.25
100
1.0
KC1
CZRT5222B-HF
2.38
2.5
2.63
30
20.0
1250
0.25
100
1.0
KC2
CZRT5223B-HF
2.57
2.7
2.84
30
20.0
1300
0.25
75
1.0
KC3
CZRT5225B-HF
2.85
3.0
3.15
30
20.0
1600
0.25
50
1.0
KC5
CZRT5226B-HF
3.14
3.3
3.47
28
20.0
1600
0.25
25
1.0
KG1
CZRT5227B-HF
3.42
3.6
3.78
24
20.0
1700
0.25
15
1.0
KG2
CZRT5228B-HF
3.71
3.9
4.10
23
20.0
1900
0.25
10
1.0
KG3
CZRT5229B-HF
4.09
4.3
4.52
22
20.0
2000
0.25
5.0
1.0
KG4
CZRT5230B-HF
4.47
4.7
4.94
19
20.0
1900
0.25
5.0
2.0
KG5
CZRT5231B-HF
4.85
5.1
5.36
17
20.0
1600
0.25
5.0
2.0
KE1
CZRT5232B-HF
5.32
5.6
5.88
11
20.0
1600
0.25
5.0
3.0
KE2
CZRT5234B-HF
5.89
6.2
6.51
7
20.0
1000
0.25
5.0
4.0
KE4
CZRT5235B-HF
6.46
6.8
7.14
5
20.0
750
0.25
3.0
5.0
KE5
CZRT5236B-HF
7.13
7.5
7.88
6
20.0
500
0.25
3.0
6.0
KF1
CZRT5237B-HF
7.79
8.2
8.61
8
20.0
500
0.25
3.0
6.5
KF2
CZRT5239B-HF
8.65
9.1
9.56
10
20.0
600
0.25
3.0
7.0
KF4
CZRT5240B-HF
9.50
10
10.50
17
20.0
600
0.25
3.0
8.0
KF5
CZRT5241B-HF
10.45
11
11.55
22
20.0
600
0.25
2.0
8.4
KH1
CZRT5242B-HF
11.40
12
12.60
30
20.0
600
0.25
1.0
9.1
KH2
CZRT5243B-HF
12.35
13
13.65
13
9.5
600
0.25
0.5
9.9
KH3
CZRT5245B-HF
14.25
15
15.75
16
8.5
600
0.25
0.1
11
KH5
CZRT5246B-HF
15.20
16
16.80
17
7.8
600
0.25
0.1
12
KJ1
CZRT5248B-HF
17.10
18
18.90
21
7.0
600
0.25
0.1
14
KJ3
CZRT5250B-HF
19.00
20
21.00
25
6.2
600
0.25
0.1
15
KJ5
CZRT5251B-HF
20.90
22
23.10
29
5.6
600
0.25
0.1
17
KK1
CZRT5252B-HF
22.80
24
25.20
33
5.2
600
0.25
0.1
18
KK2
CZRT5254B-HF
25.65
27
28.35
41
5.0
600
0.25
0.1
21
KK4
CZRT5255B-HF
26.60
28
29.40
44
4.5
600
0.25
0.1
21
KK5
CZRT5256B-HF
28.50
30
31.50
49
4.2
600
0.25
0.1
23
KM1
CZRT5257B-HF
31.35
33
34.65
58
3.8
700
0.25
0.1
25
KM2
CZRT5258B-HF
34.20
36
37.80
70
3.4
700
0.25
0.1
27
KM3
CZRT5259B-HF
37.05
39
40.95
80
3.2
800
0.25
0.1
30
KM4
CZRT5260B-HF
40.85
43
45.15
93
3.0
900
0.25
0.1
33
KM5
CZRT5261B-HF
44.65
47
49.35
105
2.7
1000
0.25
0.1
36
KN1
CZRT5262B-HF
48.45
51
53.55
125
2.5
1100
0.25
0.1
39
KN2
CZRT5263B-HF
53.20
56
58.80
150
2.2
1300
0.25
0.1
43
KN3
CZRT5264B-HF
57.00
60
63.00
170
2.1
1400
0.25
0.1
46
KN4
CZRT5265B-HF
58.90
62
65.10
185
2.0
1500
0.25
0.1
47
KN5
CZRT5266B-HF
64.60
68
71.40
230
1.8
1600
0.25
0.1
52
KP1
CZRT5267B-HF
71.25
75
78.75
270
1.7
1400
0.25
0.1
56
KP2
Part Number
Operating
Resistance
ZZT(Ohm)
Rising Operating
Resistance
ZZK(Ohm)
Marking
Code
Reverse Current
IR(uA)
Zener Voltage
VZ(V)@IZT
Note: 5% Standard Vz Tolerance
Comchip Technology CO., LTD.
QW-JZ002



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com