Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9737ABBCZRL Datasheet(PDF) 43 Page - Analog Devices

Part # AD9737ABBCZRL
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZRL Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9737ABBCZRL Datasheet HTML 39Page - Analog Devices AD9737ABBCZRL Datasheet HTML 40Page - Analog Devices AD9737ABBCZRL Datasheet HTML 41Page - Analog Devices AD9737ABBCZRL Datasheet HTML 42Page - Analog Devices AD9737ABBCZRL Datasheet HTML 43Page - Analog Devices AD9737ABBCZRL Datasheet HTML 44Page - Analog Devices AD9737ABBCZRL Datasheet HTML 45Page - Analog Devices AD9737ABBCZRL Datasheet HTML 46Page - Analog Devices AD9737ABBCZRL Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. | Page 43 of 64
Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
CROSS_
CNT2
0x23
N/A
N/A
N/A
DIR_N
CLKN_
OFFSET[3]
CLKN_
OFFSET[2]
CLKN_
OFFSET[1]
CLKN_
OFFSET[0]
0x00
PHS_DET
0x24
N/A
N/A
CMP_BST
PHS_DET
AUTO_EN
N/A
N/A
N/A
N/A
0x00
MU_DUTY
0x25
MU_
DUTYAUTO_
EN
POS/NEG
ADJ[5]
ADJ[4]
N/A
N/A
N/A
N/A
0x00
MU_CNT1
0x26
N/A
Slope
Mode[1]
Mode[0]
Read
Gain[1]
Gain[0]
Enable
0x42
MU_CNT2
0x27
MUDEL[0]
SRCH_
MODE[1]
SRCH_
MODE[0]
SET_PHS[4]
SET_PHS[3]
SET_PHS[2]
SET_PHS[1]
SET_PHS[0]
0x40
MU_CNT3
0x28
MUDEL[8]
MUDEL[7]
MUDEL[6]
MUDEL[5]
MUDEL[4]
MUDEL[3]
MUDEL[2]
MUDEL[1]
0x00
MU_CNT4
0x29
SEARCH_TOL
Retry
CONTRST
Guard[4]
Guard[3]
Guard[2]
Guard[1]
Guard[0]
0x0B
MU_STAT1
0x2A
N/A
N/A
N/A
N/A
N/A
N/A
MU_LOST
MU_LKD
0x00
RSVD
0x2B
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
RSVD
0x2C
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
ANA_CNT1
0x32
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0xCA
ANA_CNT2
0x33
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0x03
RSVD
0x34
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
PART_ID
0x35
ID[7]
ID[6]
ID[5]
ID[4]
ID[3]
ID[2]
ID[1]
ID[0]
0x40
SPI PORT CONFIGURATION AND SOFTWARE RESET
Table 11. SPI Port Configuration and Software Reset Register (Mode)
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x00
SDIO_DIR
7
R/W
0x0
0 = 4-wire SPI, 1 = 3-wire SPI.
LSB/MSB
6
R/W
0x0
0 = MSB first, 1 = LSB first.
Reset
5
R/W
0x0
Software reset is recommended before modification of other SPI registers
from the default setting.
0 = inactive state; allows the user to modify registers from the default setting.
1 = causes all registers (except 0x00) to be set to the default setting.
POWER-DOWN LVDS INTERFACE AND TxDAC®
Table 12. Power-Down LVDS Interface and TxDAC Register (Power-Down)
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x01
LVDS_DRVR_PD
5
R/W
0x0
Power-down of the LVDS drivers/receivers and TxDAC.
0 = enable, 1 = disable.
LVDS_RCVR_PD
4
R/W
0x0
CLK_RCVR_PD
1
R/W
0x0
DAC_BIAS_PD
0
R/W
0x0
CONTROLLER CLOCK DISABLE
Table 13. Controller Clock Disable Register (CNT_CLK_DIS)
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x02
CLKGEN_PD
3
R/W
0x0
Internal CLK distribution enable: 0 = enable, 1 = disable.
REC_CNT_CLK
1
R/W
0x1
LVDS receiver and Mu controller clock disable.
0 = disable, 1 = enable.
MU_CNT_CLK
0
R/W
0x1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com