Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9739ABBCZRL Datasheet(PDF) 50 Page - Analog Devices

Part # AD9739ABBCZRL
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZRL Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9739ABBCZRL Datasheet HTML 46Page - Analog Devices AD9739ABBCZRL Datasheet HTML 47Page - Analog Devices AD9739ABBCZRL Datasheet HTML 48Page - Analog Devices AD9739ABBCZRL Datasheet HTML 49Page - Analog Devices AD9739ABBCZRL Datasheet HTML 50Page - Analog Devices AD9739ABBCZRL Datasheet HTML 51Page - Analog Devices AD9739ABBCZRL Datasheet HTML 52Page - Analog Devices AD9739ABBCZRL Datasheet HTML 53Page - Analog Devices AD9739ABBCZRL Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 50 of 64
FINE
DELAY
DDR
FF
DBx[13:1]
DATA RECEIVER CONTROLLER
DCI DELAY
SAMPLE
DELAY
DCI
PRE
POST
SAMPLE
DCI WINDOW PRE
DCI WINDOW POST
DCI WINDOW SAMPLE
DATA TO
CORE
DELAY
DELAY
FINE
DELAY
FINE
DELAY
STATE MACHINE/
TRACKING LOOP
ELASTIC FIFO
DDR
FF
DDR
FF
DDR
FF
DDR
FF
180
0
FDAC
DIV-BY-4
90
270
DELAY
DELAY
DDR
FF
DDR
FF
DCI
DELAY
PATH
SAMPLE
DELAY
PATH
DCO
Figure 160. Top Level Diagram of the Data Receiver Controller
The DIV-BY-4 circuit generates four clock phases that serve as
inputs to the data receiver controller. All DDR registers in the
data and DCI paths operate on both clock edges; however, for
clarity purposes, only the phases (that is, 0° and 90°) corresponding
to the positive edge of each path are shown. One of the DIV-BY-
4 phases is used to generate the DCO signal; therefore, the phase
relationship between DCO and clocks fed into the controller
remains fixed. Note that it is this attribute that allows possible
factory calibration of images and clock spurs that are attributed
to fDAC/4 modulation of the critical DAC clock.
After this data has been successively sampled into the first set of
registers, an elastic FIFO is used to transfer the data into the
AD9737A/AD9739A clock domain. To track any phase variation
continuously between the two clock domains, the data receiver
controller should always be enabled and placed into track mode
(Register 0x10, Bit 1 and Bit 0). Tracking mode operates cont-
inuously in the background to track delay variations between
the host and AD9737A/AD9739A clock domains. It does so by
ensuring that the DCI signal is sampled within a very narrow
window defined by two internally generated clocks (that is, PRE
and PST), as shown in Figure 161. Note that proper sampling of
the DCI signal can also be confirmed by monitoring the status
of DCI_PRE_PH0 (Register 0x0C, Bit 2) and DCI_PST_PH0
(Register 0x0C, Bit 0). If the delay settings are correct, the state
of DCI_ PRE_PH0 should be 0, and the state of DCI_PST_PH0
should be 1.
DCI
FINE DELAY
PST
FINE DELAY
PRE
FINE_DEL_SKEW
Figure 161. Pre- and Post-Delay Sampling Diagram
The skew or window width (FINE_DEL_SKEW) is set via
Register 0x13, Bits[3:0], with a maximum skew of approximately
300 ps and resolution of 12 ps. It is recommended that the skew
be set to 36 ps (that is, Register 0x13 = 0x72) during initialization.
Note that the skew setting also affects the speed of the controller
loop, with tighter skew settings corresponding to longer
response time.
Data Receiver Controller Initialization Description
The data controller should be initialized and placed into track
mode as the second step in the SPI boot sequence. The following
steps are recommended for the initialization of the data receiver
controller:
1. Set FINE_DEL_SKEW to 2 for a larger DCI sampling window
(Register 0x13 = 0x72). Note that the default DCI_DEL and
SMP_DEL settings of 167 are optimum.
2. Disable the controller before enabling (that is, Register 0x10
= 0x00).
3. Enable the Rx controller in two steps: Register 0x10 = 0x02
followed by Register 0x10 = 0x03.
4. Wait 135 k clock cycles.
5. Read back Register 0x21 and confirm that it is equal to
0x05 to ensure that the DLL loop is locked and tracking.
6. Read back the DCI_DEL value to determine whether the
value falls within a user defined tracking guard band. If it
does not, go back to Step 2.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com