Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7880ACPZ-RL Datasheet(PDF) 97 Page - Analog Devices

Part # ADE7880ACPZ-RL
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ-RL Datasheet(HTML) 97 Page - Analog Devices

Back Button ADE7880ACPZ-RL Datasheet HTML 93Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 94Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 95Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 96Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 97Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 98Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 99Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 100Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 104 page
background image
Data Sheet
ADE7880
Rev. A| Page 97 of 104
Bit
Mnemonic
Default Value
Description
000: the CF3 frequency is proportional to the sum of total active powers on
each phase identified by Bits[8:6] (TERMSEL3[x]) in the COMPMODE register.
010: the CF3 frequency is proportional to the sum of apparent powers on
each phase identified by Bits[8:6] (TERMSEL3[x]) in the COMPMODE register.
011: CF3 frequency is proportional to the sum of fundamental active powers
on each phase identified by Bits[8:6] (TERMSEL3[x]) in the COMPMODE
register.
100: CF3 frequency is proportional to the sum of fundamental reactive
powers on each phase identified by Bits[8:6] (TERMSEL3[x]) in the
COMPMODE register.
8:6
CF3SEL[2:0]
010
001, 101,110,111: reserved.
9
CF1DIS
1
When this bit is set to 1, the CF1 output is disabled. The respective digital to
frequency converter remains enabled even if CF1DIS = 1.
When this bit is set to 0, the CF1 output is enabled.
10
CF2DIS
1
When this bit is set to 1, the CF2 output is disabled. The respective digital to
frequency converter remains enabled even if CF2DIS = 1.
When this bit is set to 0, the CF2 output is enabled.
11
CF3DIS
1
When this bit is set to 1, the CF3 output is disabled. The respective digital to
frequency converter remains enabled even if CF3DIS = 1.
When this bit is set to 0, the CF3 output is enabled.
12
CF1LATCH
0
When this bit is set to 1, the content of the corresponding energy registers is
latched when a CF1 pulse is generated. See the Synchronizing Energy
Registers with CFx Outputs section.
13
CF2LATCH
0
When this bit is set to 1, the content of the corresponding energy registers is
latched when a CF2 pulse is generated. See the Synchronizing Energy
Registers with CFx Outputs section.
14
CF3LATCH
0
When this bit is set to 1, the content of the corresponding energy registers is
latched when a CF3 pulse is generated. See the Synchronizing Energy
Registers with CFx Outputs section.
15
Reserved
0
Reserved. This bit does not manage any functionality.
Table 45. APHCAL, BPHCAL, CPHCAL Registers (Address 0xE614, Address 0xE615, Address 0xE616)
Bit
Mnemonic
Default Value
Description
If current channel compensation is necessary, these bits can vary only between 0 and 383.
If voltage channel compensation is necessary, these bits can vary only between 512 and 575.
If the PHCALVAL bits are set with numbers between 384 and 511, the compensation behaves
like PHCALVAL set between 256 and 383.
9:0
PHCALVAL
0000000000
If the PHCALVAL bits are set with numbers between 576 and 1023, the compensation
behaves like PHCALVAL bits set between 384 and 511.
15:10
Reserved
000000
Reserved. These bits do not manage any functionality.
Table 46. PHSIGN Register (Address 0xE617)
Bit
Mnemonic
Default Value
Description
0: if the active power identified by Bit 6 (REVAPSEL) in the ACCMODE register (total of
fundamental) on Phase A is positive.
0
AWSIGN
0
1: if the active power identified by Bit 6 (REVAPSEL) in the ACCMODE register (total of
fundamental) on Phase A is negative.
1
BWSIGN
0
0: if the active power identified by Bit 6 (REVAPSEL) in the ACCMODE register (total of
fundamental) on Phase B is positive.
1: if the active power identified by Bit 6 (REVAPSEL) in the ACCMODE register (total of
fundamental) on Phase B is negative.
2
CWSIGN
0
0: if the active power identified by Bit 6 (REVAPSEL) in the ACCMODE register (total of
fundamental) on Phase C is positive.
1: if the active power identified by Bit 6 (REVAPSEL) bit in the ACCMODE register (total of
fundamental) on Phase C is negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com