Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE8167 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE8167
Description  Power Line Communications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8167 Datasheet(HTML) 1 Page - Analog Devices

  ADE8167 Datasheet HTML 1Page - Analog Devices ADE8167 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Line Communications
Master Modem IC
Data Sheet
ADE8167
Rev. SpA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Narrow-band power line communications IC
Integrates physical, data link and networking layers
Application layer
Supports DL/T 645-1997 or DL/T 645-2007 data protocol
(specific to China), as well as a pass through option
Networking layer
Automatic baud rate negotiation
Dynamic routing
Data link layer
CRC checking
Network key for data security
Physical layer
FSK modulation
Up to 2400 bps on a 3-phase network
Simple serial interface to host microprocessor
Single 3.3 V supply, low power (140 mW typical)
Package and temperature range
40-lead 6 mm × 6 mm LFCSP
Fully specified for −40°C to +85°C operation
APPLICATIONS
Power line modems for AMR/AMI systems
GENERAL DESCRIPTION
In an advanced metering infrastructure (AMI) scenario, the
ADE81671. IC provides the essential functions for a master
modem; maintaining the network configuration and relaying
messages between the utility back office and the slave modems
associated with the energy meters.
The ADE8167 is a complete digital baseband processor IC that
includes physical layer, data link layer, and networking layer
functionality. The ADE8167 includes a receive path 12-bit
analog-to-digital converter (ADC) and a transmit path digital
demodulator to reduce the external analog front-end component
count. The ADE8167 UART communicates directly with a host
microprocessor. The ADE8167 master modem IC is designed to
work with the ADE8157 slave modem IC for a complete power
line communications system.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
For more information about the ADE8167, including the complete data sheet, contact your local Analog Devices, Inc., sales office at
www.analog.com/sales.
1 Patents pending in the United States, European Union, and People’s Republic of China.
PLC_RX+
PLC_RX–
DEMODULATOR
MODULATOR
PLC_TX+
37
38
31
PHY
ZX 20
RX_LED
11
TXEN
21
DLL
UART
EXTERNAL
MEMORY
INTERFACE
NL
WITH NETWORK
MANAGEMENT FUNCTIONS
URXD
UTXD
RS485_OE
EVENT
10
LDO
14
DGND
17
RST
19
AVDD
36
AGND
35
VREF
34
ADE8167
1
RXEN
33
XTAL0
24
XTAL1
25
OSC
22
23
A1/MISO
SCLK
30
A0/MOSI
27
CS
26
28
29
PLC_TX–
32
15
16
VDD
VREG
2
3
4
5
39
40
12-BIT
ADC


Similar Part No. - ADE8167

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE8165 AD-ADE8165 Datasheet
58Kb / 2P
Narrow-Band Power-Line Communications Master Modem IC with Networking Stack
Rev. Sp0
More results

Similar Description - ADE8167

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC79101 BEL-APC79101 Datasheet
165Kb / 1P
Power Packet Power Line Communications AFE Hybrid
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
logo
Texas Instruments
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
TMS320F28PLC84 TI1-TMS320F28PLC84 Datasheet
1Mb / 132P
TMS320F28PLC8x Power Line Communications (PLC) Processors
logo
ATMEL Corporation
ATPL00B ATMEL-ATPL00B Datasheet
1Mb / 152P
FSK Power Line Communications SoC
ATPL100A ATMEL-ATPL100A Datasheet
219Kb / 10P
FSK Power Line Communications SoC
ATPL230A ATMEL-ATPL230A Datasheet
1Mb / 122P
ATPL Series Power Line Communications Device
ATPL250A ATMEL-ATPL250A Datasheet
1Mb / 28P
ATPL Series Power Line Communications Device
logo
Texas Instruments
OPA521 TI1-OPA521 Datasheet
323Kb / 22P
Narrowband Power Line Communications Line Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com