Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4151 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4151
Description  Fractional-N/Integer-N PLL Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4151 Datasheet(HTML) 1 Page - Analog Devices

  ADF4151 Datasheet HTML 1Page - Analog Devices ADF4151 Datasheet HTML 2Page - Analog Devices ADF4151 Datasheet HTML 3Page - Analog Devices ADF4151 Datasheet HTML 4Page - Analog Devices ADF4151 Datasheet HTML 5Page - Analog Devices ADF4151 Datasheet HTML 6Page - Analog Devices ADF4151 Datasheet HTML 7Page - Analog Devices ADF4151 Datasheet HTML 8Page - Analog Devices ADF4151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Fractional-N/Integer-N PLL Synthesizer
Data Sheet
ADF4151
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Fractional-N synthesizer and integer-N synthesizer
RF bandwidth to 3.5 GHz
3.0 V to 3.6 V power supply
1.8 V logic compatibility
Separate charge pump supply (VP) allows extended tuning
voltage (up to 5.5 V) in 3 V systems
Programmable dual-modulus prescaler of 4/5 or 8/9
Programmable RF output phase
3-wire serial interface
Analog and digital lock detect
Switched bandwidth fast lock mode
Cycle slip reduction
APPLICATIONS
Wireless infrastructure (W-CDMA, TD-SCDMA, WiMax, GSM,
PCS, DCS, DECT)
Test equipment
Wireless LANs, CATV equipment
Clock generation
GENERAL DESCRIPTION
The ADF4151 allows implementation of fractional-N or
integer-N phase-locked loop (PLL) frequency synthesizers
if used with an external voltage controlled oscillator (VCO),
loop filter, and external reference frequency.
The ADF4151 is used with external VCO parts and is footprint
and software compatible with the ADF4350. The part consists
of a low noise digital phase frequency detector (PFD), a precision
charge pump, and a programmable reference divider. There is
a Σ-Δ based fractional interpolator to allow programmable
fractional-N division. The INT, FRAC, and MOD registers
define an overall N divider [N = (INT + (FRAC/MOD))]. The
RF output phase is programmable for applications that require
a particular phase relationship between the output and the
reference. The ADF4151 also features cycle slip reduction
circuitry, leading to faster lock times without the need for
modifications to the loop filter.
Control of all the on-chip registers is through a simple 3-wire
interface. The device operates with a power supply ranging
from 3.0 V to 3.6 V that can be powered down when not in use.
The ADF4151 is available in a 5 mm × 5 mm package.
FUNCTIONAL BLOCK DIAGRAM
MUXOUT
CPOUT
LD
SW
REFIN
CLK
DATA
LE
AVDDx
SDVDD
DVDD
VP
AGND
CE
CPGND
SDGND
DGND
RSET
RFIN+
RFIN–
PHASE
COMPARATOR
FLO SWITCH
CHARGE
PUMP
10-BIT R
COUNTER
÷2
DIVIDER
×2
DOUBLER
FUNCTION
LATCH
DATA REGISTER
INTEGER
REG
N COUNTER
FRACTION
REG
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
REG
MULTIPLEXER
LOCK
DETECT
ADF4151
Figure 1.


Similar Part No. - ADF4151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF41510 AD-ADF41510 Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
ADF41510 AD-ADF41510 Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. A
ADF41510BCPZ AD-ADF41510BCPZ Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
ADF41510BCPZ AD-ADF41510BCPZ Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. A
ADF41510BCPZ-RL7 AD-ADF41510BCPZ-RL7 Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
More results

Similar Description - ADF4151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
10/03-Data Sheet changed from REV. A to REV. B.
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV.0
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
7/11-Revision 0
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
High Voltage, Fractional-N/Integer N PLL Synthesizer
7/2016-Revision 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
Integer-N/Fractional-N PLL Synthesizer
4/14-Revision 0
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
Integer N/Fractional-N, PLL Synthesizer
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
1/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com