Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDRH103R Datasheet(PDF) 17 Page - Analog Devices

Part # CDRH103R
Description  6.5 V, 4 A, High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CDRH103R Datasheet(HTML) 17 Page - Analog Devices

Back Button CDRH103R Datasheet HTML 12Page - Analog Devices CDRH103R Datasheet HTML 13Page - Analog Devices CDRH103R Datasheet HTML 14Page - Analog Devices CDRH103R Datasheet HTML 15Page - Analog Devices CDRH103R Datasheet HTML 16Page - Analog Devices CDRH103R Datasheet HTML 17Page - Analog Devices CDRH103R Datasheet HTML 18Page - Analog Devices CDRH103R Datasheet HTML 19Page - Analog Devices CDRH103R Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADP2164
Rev. 0 | Page 17 of 20
Table 6. Recommended L and COUT Values at fS = 600 kHz
VIN (V)
VOUT (V)
L (μH)
COUT (μF)
3.3
1.0
1
100 + 100
3.3
1.2
1
100 + 100
3.3
1.5
1
100 + 47
3.3
1.8
1
100 + 47
3.3
2.5
1
100
5
1.0
1
100 + 100
5
1.2
1.5
100 + 100
5
1.5
1.5
100 + 47
5
1.8
1.5
100 + 47
5
2.5
1.5
100
5
3.3
1.5
100
Higher or lower values of inductors and output capacitors can
be used in the regulator, but system stability and load transient
performance must be verified.
Table 7 and Table 8 list some recommended inductors and
capacitors for the ADP2164.
Table 7. Recommended Inductors
Manufacturer
Part No.
Coilcraft®
MSS1038, MSS1048, MSS1260
Sumida
CDRH103R, CDRH104R, CDRH105R
Table 8. Recommended Capacitors
Manufacturer
Part No.
Description
Murata
GRM32ER60J107ME20
100 μF, 6.3 V, X5R, 1210
Murata
GRM32ER60J476ME20
47 μF, 6.3 V, X5R, 1210
TDK
C3225X5R0J107M
100 μF, 6.3 V, X5R, 1210
TDK
C3225X5R0J476M
47 μF, 6.3 V, X5R, 1210
INPUT CAPACITOR SELECTION
The input capacitor reduces the input voltage ripple caused by
the switch current on PVIN. Place the input capacitor as close
as possible to the PVIN pins. A 22 μF or 47 μF ceramic capacitor
is recommended. The rms current rating of the input capacitor
should be larger than the value calculated using the following
equation:
()
D
D
I
I
O
RMS
−
×
×
=
1
where D is the duty cycle.
VOLTAGE TRACKING
The ADP2164 includes a tracking feature that allows the
ADP2164 output (slave voltage) to be configured to track
an external voltage (master voltage), as shown in Figure 39.
V
ADP2164
RTOP
RBOT
RTRKT
RTRKB
VSLAVE
MASTER
TRK
FB
Figure 39. Voltage Tracking
Coincident Tracking
A common requirement is coincident tracking, as shown in
Figure 40. Coincident tracking limits the slave output voltage
to the same value as the master voltage until the slave output
voltage reaches regulation. Connect the TRK pin to a resistor
divider driven from the master voltage, as shown in Figure 39.
For coincident tracking, set RTRKT = RTOP and RTRKB = RBOT.
OLTAGE
TIME
VSLAVE
VMASTER
V
Figure 40. Coincident Tracking
Ratiometric Tracking
Ratiometric tracking is shown in Figure 41. The slave output is
limited to a fraction of the master voltage. In this application, the
slave and master voltages reach their final values at the same time.
OLTAGE
TIME
VSLAVE
VMASTER
V
Figure 41. Ratiometric Tracking
The ratio of the slave output voltage to the master voltage is a
function of the two dividers.
TRKB
TRKT
BOT
TOP
MASTER
SLAVE
R
R
R
V
V
+
+
=
1
1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com