Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC993LP5E Datasheet(PDF) 20 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 20 Page - Hittite Microwave Corporation

Back Button HMC993LP5E Datasheet HTML 16Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 17Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 18Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 19Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 20Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 21Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 22Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 23Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 24Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
20
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
Evaluation PCB - 1900, 2400 & 2800 MHz
Item
Description
J1-J6
SMA Connector
J7
DC Connector Header
C2, C6, C10, C22
100 pF Capacitor, 0402 Pkg.
C4
1 µF Capacitor, 0603 Pkg.
C7
1 µF Capacitor, 0402 Pkg.
C8-C9, C15-C16,
C18, C20
0.1 µF Capacitor, 0402 Pkg.
C11, C14, C17, C19,
C21, C25
1000 pF Capacitor, 0402 Pkg.
C13, C30
33 µF Capacitor, Tantalum
C24
Capacitor, Ultra Low ESR, 0603 Pkg.
C27
Capacitor, Ultra Low ESR, 0402 Pkg.
C28
Capacitor, Ultra Low ESR, 0603 Pkg.
C29
Capacitor, Ultra Low ESR, 0402 Pkg.
L1
Inductor, 0603 Pkg.
L2
3.3 nH Inductor, 0603 Pkg.
Item
Description
R1-R6, R9-R10,
R13, R18-R20, R34
0 Ohm Resistor, 0402 Pkg.
R8
51 Ohms Resistor, 0402 Pkg.
R11, R15
10 kOhms Resistor, 0402 Pkg.
R14
1 kOhms Resistor, 0402 Pkg.
U1
HMC993LP5E
RF-Automatic Gain Controller
PCB [2]
600-00116-00 Evaluation PCB
[1] When requesting an evaluation board, please reference the
appropriate evaluation PCB number listed in the table “Compo-
nents for Selected Frequency Tune”
[2] Please refer to “Components for Selected Frequency Tune”
table for values
[3] Circuit Board Material: Rogers 4350 or Arlon 25 FR
List of Materials for Evaluation PCB [1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com