Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCOF2002A-BNMBD Datasheet(PDF) 12 Page - P-tec Corporation

Part # PCOF2002A-BNMBD
Description  240 Column X 64 Row
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PCOF2002A-BNMBD Datasheet(HTML) 12 Page - P-tec Corporation

Back Button PCOF2002A-BNMBD Datasheet HTML 5Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 6Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 7Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 8Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 9Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 10Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 11Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 12Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 13Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PAGE 12 OF 13
12.Quality Assurance
Screen Cosmetic Criteria
Item
Defect
Judgment Criterion
Partition
1
Spots
A)Clear
Size: d mm
Acceptable Qty in active area
d ≤0.1
Disregard
0.1<d≤0.2
6
0.2<d≤0.3
2
0.3<d
0
Note: Including pin holes and defective dots which must
be within one pixel size.
B)Unclear
Size: d mm
Acceptable Qty in active area
d ≤0.2
Disregard
0.2<d≤0.5
6
0.5<d≤0.7
2
0.7<d
0
Minor
2
Bubbles in Polarizer
Size: d mm
Acceptable Qty in active area
d≤0.3
Disregard
0.3<d≤1.0
3
1.0<d≤1.5
1
1.5<d
0
Minor
3
Scratch
In accordance with spots cosmetic criteria. When the light
reflects on the panel surface, the scratches are not to be
remarkable.
Minor
4
Allowable Density
Above defects should be separated more than 30mm each
other.
Minor
5
Coloration
Not to be noticeable coloration in the viewing area of the
LCD panels.
Back-light type should be judged with back-light on state
only.
Minor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com