Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB2C4M Datasheet(PDF) 4 Page - Dialight Corporation

Part # HB2C4M
Description  DuroSite짰 Series LED High Bay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HB2C4M Datasheet(HTML) 4 Page - Dialight Corporation

  HB2C4M Datasheet HTML 1Page - Dialight Corporation HB2C4M Datasheet HTML 2Page - Dialight Corporation HB2C4M Datasheet HTML 3Page - Dialight Corporation HB2C4M Datasheet HTML 4Page - Dialight Corporation HB2C4M Datasheet HTML 5Page - Dialight Corporation HB2C4M Datasheet HTML 6Page - Dialight Corporation HB2C4M Datasheet HTML 7Page - Dialight Corporation HB2C4M Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.dialight.com
DuroSite® LED High Bay Fixture Options
Occupancy Sensor Version
Dimensions in Inches [mm]
Mechanical, Electrical and Photometric information is the same
as on page 3 except where detail is provided
Fixture Weight:
19lbs (11.34kg)
Container Weight:
25lbs (8.62kg)
Sensor Mounting:
Attached to the base of the neck using
a semi-rigid flexible conduit
Occupancy Sensor:
Dry location Leviton OSFHU - CTW (120 - 347V AC)
or C4W (480V AC)
Wet location Wattstopper HB350W (120 – 347V AC)
or HB340W (480V AC)
Sensor Timing:
30 seconds to 20 minutes
Sensor Lens Options:
Comes complete with interchangeable lenses
for multiple mounting heights
Operating Temperature
Leviton models:
-14°F to +149°F (-10°C to +65°C)
Wattstopper models:
-40°F to +149°F (-40°C to +65°C)
4
Features and Benefits
• No additional electrical connections required for installation
• Flexible conduit permitting the positioning of the occupancy senso
for optimal coverage
• Interchangeable sensor lens for high bay, low bay, or aisle
applications
Mechanical, Electrical and Photometric information is the same
as on page 3 except where detail is provided
Variable Dimming Cable:
Two conductor cable
Power Cable:
Three conductor cable
Dimming Cable Position:
Side of the neck through a cable gland
Variable Dimming Control: 0-10 V DC active
Dimming Range:
10 V DC = 100% light output
0 V DC = 15% light output
Variable Dimming (0-10 VDC) & STEP Dimming
Dimensions in Inches [mm]
8.00
(203,2)
1.91
(48,6)
10’ (3.05m)
Power Cord
10’ (3.05m)
DIMMIMG CABLE
5/16” - 18 X .75”
THREADED HOLE (2)
1/4” - 20 SELF - TAPPING
SCREW HOLE (6)
Ø 16.0
(406)
3.13
(79,4)
STEP Dimming Mode
The variable dimming High Bays may also be configured to operate
in a single STEP Dimming configuration. When the dimming control
conductors are connected together, the light output will be reduced
to approximately 15% of the maximum light output. The total fixture
power consumption will also be reduced to approximately 20% (30
W). Connecting the leads together can be accomplished with a
common wall switch.
Features and Benefits
• 10’ plenum rated dimming control cable pre-installed
• Dimming cabling independent of fixture wiring
• Multiple High Bays can be connected to the same dimmer
• May also be configured to operate in a single STEP Dimming
configuration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com