Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45FM2C Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 74Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 75Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 76Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 77Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 78Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 79Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 80Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 81Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 171 page
background image
Rev. 1.10
78
�a� �0� �01�
Rev. 1.10
79
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CAPTC0
CAPTPAU
CAPTCK�
CAPTCK1
CAPTCK0
CAPTON
—
CAPS1
CAPS0
CAPTC1
CAPEG1
CAPEG0
CAPEN
CAPNFT
CAPNFS
CAPFIL
CAPCLR
CA�CLR
CAPT�DL
D7
D6
D5
D4
D�
D�
D1
D0
CAPT�DH
D15
D14
D1�
D1�
D11
D10
D9
D8
CAPT�AL
D7
D6
D5
D4
D�
D�
D1
D0
CAPT�AH
D15
D14
D1�
D1�
D11
D10
D9
D8
CAPT�CL
D7
D6
D5
D4
D�
D�
D1
D0
CAPT�CH
D15
D14
D1�
D1�
D11
D10
D9
D8
Capture Timer Register List
CAPTC0 Register
Bit
7
6
5
4
3
2
1
0
Name
CAPTPAU CAPTCK� CAPTCK1 CAPTCK0 CAPTON
—
CAPS1
CAPS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
CAPTPAU:
CAPTMCounterPauseControl
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheCAPTMwillremainpower
upandcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhen
thisbitchangesfromlowtohighandresumecountingfromthisvaluewhenthebit
changestoalowvalueagain
Bit 6~4
CAPTCK2~CAPTCK0:
SelectCAPTMCounterclock
000:PWMO
001: fH/2
010: fH/4
011: fH/8
100: fH/16
101: fH/32
110: fH/64
111: fH/128
ThesethreebitsareusedtoselecttheclocksourcefortheCAPTM.Theclocksource
fHisthehighspeedsystemoscillator.
Bit 3
CAPTON:
CAPTMCounterOn/OffControl
0: Off
1: On
Thisbitcontrolstheoverallon/offfunctionoftheCAPTM.Settingthebithigh
enablesthecountertorun,clearingthebitdisablestheCAPTM.Clearingthisbitto
zerowillstopthecounterfromcountingandturnofftheCAPTMwhichwillreduce
itspowerconsumption.Whenthebitchangesstatefromlowtohightheinternal
countervaluewillberesettozero,howeverwhenthebitchangesfromhightolow,
theinternalcounterwillretainitsresidualvalue.
Bit2
Unimplemented,readas"0"
Bit 1~0
CAPS1~CAPS0:
capturesourceselect
00:INT0A
01:INT0B
10:INT0C
11:Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com