Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45FM2C Datasheet(PDF) 169 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 169 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 163Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 164Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 165Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 166Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 167Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 168Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 169Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 170Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 171Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 169 / 171 page
background image
Rev. 1.10
168
�a� �0� �01�
Rev. 1.10
169
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Carrier Tape Dimensions
P
D1
W
P1
P0
D
E
F
t
K0
B0
A0
C
IC p a ck age pi n 1 and t he r eel hol es
ar e lo ca te d on th e sa me s i de.
R eel H ol e
16-pin NSOP (150mil)
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
16.0±0.�
P
Cavit� Pitch
8.0±0.1
E
Perforation Position
1.75±0.1
F
Cavit� to Perforation(Width Direction)
7.5±0.1
D
Perforation Diameter
1.55+0.10/-0.00
D1
Cavit� Hole Diameter
1.50+0.�5/-0.00
P0
Perforation Pitch
4.0±0.1
P1
Cavit� to Perforation(Length Direction)
�.0±0.1
A0
Cavit� Length
6.5±0.1
B0
Cavit� Width
10.�±0.1
K0
Cavit� Depth
�.1±0.1
t
Carrier Tape Thickness
0.�0±0.05
C
Cover Tape Width
1�.�±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com