Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT66F016 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
77
May 14, 2012
· ACERL Register
Bit
76543210
Name
¾¾¾¾
ACE3
ACE2
ACE1
ACE0
R/W
¾¾¾¾
R/W
R/W
R/W
R/W
POR
¾¾¾¾
1111
Bit 7~4
unimplemented, read as
²0²
Bit 3
ACE3: Define PA3 is A/D input or not
0: not A/D input
1: A/D input, AN3
Bit 2
ACE2: Define PA2 is A/D input or not
0: not A/D input
1: A/D input, AN2
Bit 1
ACE1: Define PA1 is A/D input or not
0: not A/D input
1: A/D input, AN1
Bit 0
ACE0: Define PA0 is A/D input or not
0: not A/D input
1: A/D input, AN0
A/D Operation
The START bit in the ADCR0 register is used to start
and reset the A/D converter. When the microcontroller
sets this bit from low to high and then low again, an ana-
log to digital conversion cycle will be initiated. When the
START bit is brought from low to high but not low again,
the EOCB bit in the ADCR0 register will be set high and
the analog to digital converter will be reset. It is the
START bit that is used to control the overall start opera-
tion of the internal analog to digital converter.
The EOCB bit in the ADCR0 register is used to indicate
when the analog to digital conversion process is com-
plete. This bit will be automatically set to 0 by the
microcontroller after a conversion cycle has ended. In
addition, the corresponding A/D interrupt request flag
will be set in the interrupt control register, and if the inter-
rupts are enabled, an appropriate internal interrupt sig-
nal will be generated. This A/D internal interrupt signal
will direct the program flow to the associated A/D inter-
nal interrupt address for processing. If the A/D internal
interrupt is disabled, the microcontroller can be used to
poll the EOCB bit in the ADCR0 register to check
whether it has been cleared as an alternative method of
detecting the end of an A/D conversion cycle.
The clock source for the A/D converter, which originates
from the system clock fSYS, can be chosen to be either
fSYS or a subdivided version of fSYS. The division ratio
value is determined by the ADCK2~ADCK0 bits in the
ADCR1 register.
Although the A/D clock source is determined by the sys-
tem clock fSYS, and by bits ADCK2~ADCK0, there are
some limitations on the A/D clock source speed range
that can be selected. As the recommended range of per-
missible A/D clock period, tADCK, is from 0.5
msto10ms,
care must be taken for selected system clock frequen-
cies. For example, if the system clock operates at a fre-
quency of 4MHz, the ADCK2~ADCK0 bits should not be
set to 000B or 110B. Doing so will give A/D clock periods
that are less than the minimum A/D clock period or
greater than the maximum A/D clock period which may
result in inaccurate A/D conversion values. Refer to the
following table for examples, where values marked with
an asterisk * show where, depending upon the device,
special care must be taken, as the values may be less
than the specified minimum A/D Clock Period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com