Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT1380A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1380A
Description  Serial Timekeeper Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1380A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1380A Datasheet HTML 1Page - Holtek Semiconductor Inc HT1380A Datasheet HTML 2Page - Holtek Semiconductor Inc HT1380A Datasheet HTML 3Page - Holtek Semiconductor Inc HT1380A Datasheet HTML 4Page - Holtek Semiconductor Inc HT1380A Datasheet HTML 5Page - Holtek Semiconductor Inc HT1380A Datasheet HTML 6Page - Holtek Semiconductor Inc HT1380A Datasheet HTML 7Page - Holtek Semiconductor Inc HT1380A Datasheet HTML 8Page - Holtek Semiconductor Inc HT1380A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Rev. 1.00
3
June 15, 2012
HT1380A/HT1381A
Absolute Maximum Ratings
SupplyVoltage....................................... -0.3V~5.5V
InputVoltage............................. VSS-0.3V~VDD+0.3V
StorageTemperature............................-50˚C~125˚C
OperatingTemperature...........................-40˚C~85˚C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
D.C. Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ISTB
Standby Current
2V
—
—
—
100
nA
3V
—
—
100
5V
—
—
100
IDD
Operating Current
2V
No load
—
0.30
0.50
μA
3V
—
0.50
0.70
5V
—
0.85
1.00
IOH
Source Current
2V
VOH=1.8V
-0.20
-0.40
—
mA
3V
VOH=2.7V
-0.35
-0.70
—
5V
VOH=4.5V
-0.50
-1.00
—
IOL
Sink Current
2V
VOL=0.2V
0.70
1.50
—
mA
3V
VOL=0.3V
1.20
2.50
—
5V
VOL=0.5V
2.00
4.00
—
VIH
"H" Input Voltage
3V
—
2.00
—
—
V
5V
2.00
—
—
VIL
"L" Input Voltage
3V
—
—
—
0.60
V
5V
—
—
0.80
Note:ISTBisspecifiedwithSCLK,I/O,RESTopen.Theclockhaltbitmustbesettologic1(oscillatordisabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com