Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSL2109T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL2109T
Description  GreenChip controller for LED lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2109T Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL2109T Datasheet HTML 1Page - NXP Semiconductors SSL2109T Datasheet HTML 2Page - NXP Semiconductors SSL2109T Datasheet HTML 3Page - NXP Semiconductors SSL2109T Datasheet HTML 4Page - NXP Semiconductors SSL2109T Datasheet HTML 5Page - NXP Semiconductors SSL2109T Datasheet HTML 6Page - NXP Semiconductors SSL2109T Datasheet HTML 7Page - NXP Semiconductors SSL2109T Datasheet HTML 8Page - NXP Semiconductors SSL2109T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SSL2109T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 26 April 2012
4 of 19
NXP Semiconductors
SSL2109T
GreenChip controller for LED lighting
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration
SSL2109
HV
DRAIN
VCC
GND
NTC
DVDT
SOURCE
DRIVER
aaa-001742
1
2
3
4
6
5
8
7
Table 3.
Pin description
Symbol
Pin
Description
HV
1
high-voltage supply pin
VCC
2
supply voltage
NTC
3
temperature protection input
SOURCE
4
low-side external switch
DRIVER
5
driver output
DVDT
6
AC supply pin
GND
7
ground
DRAIN
8
high-side external switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com