Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV61220DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV61220DBVT
Description  LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV61220DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV61220DBVT Datasheet HTML 9Page - Texas Instruments TLV61220DBVT Datasheet HTML 10Page - Texas Instruments TLV61220DBVT Datasheet HTML 11Page - Texas Instruments TLV61220DBVT Datasheet HTML 12Page - Texas Instruments TLV61220DBVT Datasheet HTML 13Page - Texas Instruments TLV61220DBVT Datasheet HTML 14Page - Texas Instruments TLV61220DBVT Datasheet HTML 15Page - Texas Instruments TLV61220DBVT Datasheet HTML 16Page - Texas Instruments TLV61220DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
³
´
2
L
C
2
´
>
´
OUT
OUT
IN
V
I
0.8
100 mA
V
TLV61220
www.ti.com
SLVSB53 – MAY 2012
For selecting the inductor this would be the suitable value for the current rating. It also needs to be taken into
account that load transients and error conditions may cause higher inductor currents.
Equation 4 helps to estimate whether the device will work in continuous or discontinuous operation depending on
the operating points. As long as the inequation is true, continuous operation is typically established. If the
inequation becomes false, discontinous operation is typically established.
(4)
The following inductor series from different suppliers have been used with TLV61220 converters:
Table 2. List of Inductors
VENDOR
INDUCTOR SERIES
Toko
DFE252010C
EPL3015
Coilcraft
EPL2010
Murata
LQH3NP
Taiyo Yuden
NR3015
Wurth Elektronik
WE-TPC Typ S
Capacitor Selection
Input Capacitor
At least a 10-
μF input capacitor is recommended to improve transient behavior of the regulator and EMI behavior
of the total power supply circuit. A ceramic capacitor placed as close as possible to the VBAT and GND pins of
the IC is recommended.
Output Capacitor
For the output capacitor C2 , it is recommended to use small ceramic capacitors placed as close as possible to
the VOUT and GND pins of the IC. If, for any reason, the application requires the use of large capacitors which
can not be placed close to the IC, the use of a small ceramic capacitor with an capacitance value of around
2.2
μF in parallel to the large one is recommended. This small capacitor should be placed as close as possible to
the VOUT and GND pins of the IC.
A minimum capacitance value of 4.7
μF should be used, 10 μF are recommended. If the inductor value exceeds
4.7
μH, the value of the output capacitance value needs to be half the inductance value or higher for stability
reasons, see Equation 5.
(5)
The TLV61220 is not sensitive to the ESR in terms of stability. Using low ESR capacitors, such as ceramic
capacitors, is recommended anyway to minimize output voltage ripple. If heavy load changes are expected, the
output capacitor value should be increased to avoid output voltage drops during fast load transients.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLV61220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com