Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RHAT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 25 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 21Page - Texas Instruments UCD3138RHAT Datasheet HTML 22Page - Texas Instruments UCD3138RHAT Datasheet HTML 23Page - Texas Instruments UCD3138RHAT Datasheet HTML 24Page - Texas Instruments UCD3138RHAT Datasheet HTML 25Page - Texas Instruments UCD3138RHAT Datasheet HTML 26Page - Texas Instruments UCD3138RHAT Datasheet HTML 27Page - Texas Instruments UCD3138RHAT Datasheet HTML 28Page - Texas Instruments UCD3138RHAT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
4.3.4
Central Interrupt Module (CIM)
The CIM accepts 32 interrupt requests for meeting firmware timing requirements. The ARM processor
supports two interrupt levels: FIQ and IRQ. FIQ is the highest priority interrupt. The CIM provides
hardware expansion of interrupts by use of FIQ/IRQ vector registers for providing the offset index in a
vector table. This numerical index value indicates the highest precedence channel with a pending interrupt
and is used to locate the interrupt vector address from the interrupt vector table. Interrupt channel 0 has
the lowest precedence and interrupt channel 31 has the highest precedence. To remove the interrupt
request, the firmware should clear the request as the first action in the interrupt service routine. The
request channels are maskable, allowing individual channels to be selectively disabled or enabled.
Table 4-1. Interrupt Priority Table
MODULE COMPONENT OR
NAME
DESCRIPTION
PRIORITY
REGISTER
BRN_OUT_INT
Brownout
Brownout interrupt
0 (Lowest)
EXT_INT
External Interrupts
Interrupt on one external input pins for faults inputs
1
WDRST_INT
Watchdog Control
Interrupt from watchdog exceeded (reset)
2
Wakeup interrupt when watchdog equals half of set
WDWAKE_INT
Watchdog Control
3
watch time
SCI_ERR_INT
UART or SCI Control
UART or SCI error Interrupt. Frame, parity or overrun
4
SCI_RX_0_INT
UART or SCI Control
UART0 RX buffer has a byte
5
SCI_TX_0_INT
UART or SCI Control
UART0 TX buffer empty
6
SCI_RX_1_INT
UART or SCI Control
UART1 RX buffer has a byte
7
SCI_TX_1_INT
UART or SCI Control
UART1 TX buffer empty
8
PMBUS_INT
PMBus related interrupt
9
DIG_COMP_INT
12-bit ADC Control
Digital comparator interrupt
10
“Prebias complete”, “Ramp Delay Complete”, “Ramp
FE0_INT
Front End 0
Complete”, “Load Step Detected”,
11
“Over-Voltage Detected”, “EADC saturated”
“Prebias complete”, “Ramp Delay Complete”, “Ramp
FE1_INT
Front End 1
Complete”, “Load Step Detected”,
12
“Over-Voltage Detected”, “EADC saturated”
“Prebias complete”, “Ramp Delay Complete”, “Ramp
FE2_INT
Front End 2
Complete”, “Load Step Detected”,
13
“Over-Voltage Detected”, “EADC saturated”
PWM3_INT
16-bit Timer PWM 3
16-bit Timer PWM3 counter overflow or compare interrupt
14
16-bit Timer PWM2 counter Overflow or compare
PWM2_INT
16-bit Timer PWM 2
15
interrupt
PWM1_INT
16-bit Timer PWM 1
16-bit Timer PWM1 counter overflow or compare interrupt
16
PWM0_INT
16-bit timer PWM 0
16-bit Timer PWM1 counter overflow or compare interrupt
17
OVF24_INT
24-bit Timer Control
24-bit Timer counter overflow interrupt
18
CAPTURE_1_INT
24-bit Timer Control
24-bit Timer capture 1 interrupt
19
COMP_1_INT
24-bit Timer Control
24-bit Timer compare 1 interrupt
20
CAPTURE_0_INT
24-bit Timer Control
24-bit Timer capture 0 interrupt
21
COMP_0_INT
24-bit Timer Control
24-bit Timer compare 0 interrupt
22
Mode switched in CPCC module Flag needs to be read
CPCC_INT
Constant Power Constant Current
23
for details
ADC_CONV_INT
12-bit ADC Control
ADC end of conversion interrupt
24
Analog comparator interrupts, Over-Voltage detection,
FAULT_INT
Fault Mux Interrupt
Under-Voltage detection,
25
LLM load step detection
Copyright © 2012, Texas Instruments Incorporated
Functional Overview
25
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com