Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1720 Datasheet(PDF) 1 Page - ams AG

Part # AS1720
Description  Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1720 Datasheet(HTML) 1 Page - ams AG

  AS1720 Datasheet HTML 1Page - ams AG AS1720 Datasheet HTML 2Page - ams AG AS1720 Datasheet HTML 3Page - ams AG AS1720 Datasheet HTML 4Page - ams AG AS1720 Datasheet HTML 5Page - ams AG AS1720 Datasheet HTML 6Page - ams AG AS1720 Datasheet HTML 7Page - ams AG AS1720 Datasheet HTML 8Page - ams AG AS1720 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
A S 1 7 2 0
S o l e n o i d / Va l v e D r i v e r w i t h C u r r e n t L i m i t a t i o n
www.austriamicrosystems.com/Solenoid-Relay-Driver/AS1720
Revision 1.04
1 - 12
D a t a s h e e t
1 General Description
The AS1720A is a low side current source providing an optimized
DC Operation for power saving and ultra low electromagnetic
radiation.
The AS1720B is a low side switch providing a PWM output, which
frequency is defined by an internal RC oscillator. The adjustable
PWM allows a fine control of the power delivered to the load.
The AS1720A and AS1720B can be set to provide a strong initial
closure current and is automatically switching to hold mode for
power saving. The initial DC current, the hold current and the duty
cycle of the PWM can be adjusted by external resistors. An internal
thermal sensor prevents damage of the circuit due to excessive
heating up.
Both devices are optimized for driving electromechanical devices
such as valves, solenoids relays, actuators and positioners.
2 Key Features
Supply Range: +5V to +50V
Internal VDDA: 3.3V
Supply Current: 1 mA
Internal osc frequency: 30kHz
Fix delay: 136ms
Adjustable duty cycle: 20% – 90% (AS1720B only)
Adjustable energizing current: 10mA – 100mA
Adjustable hold current: 30% - 70% of energizing current
Current Limitation
Thermal shutdown: 150ºC
8-pin MLPD (2x2mm) Package
On request SOIC 8 Package (reduced temperature range -40°C
to +85°C)
3 Applications
The AS1720 is ideal for fluid and gas flow systems, industrial control,
electrical heaters, motor speed control.
Table 1. Standard Products
Model
Operation Mode
AS1720A
DC Current Source Operation
AS1720B
PWM Switching Operation
L
Energising Current adjust
Thermal
Shutdown
PWM &
Control
Free-
Wheeling
Diode
Vsupply: +5V to +50V
IH
ENN
IE
adjustable
Duty cycle
Hold Current adjust
Internal VDDA typ. 3.3V
Current
Adjust
LDO &
Ref Generator
R1
R2
Vref
100nF
RPU
On
Off
AS1720
Delay
30kHz
Oscillator
VDDA
3
DUTY
2
VDDA
1
VDDHV
4
OUT
5
VSS
7
6
8
Figure 1. AS1720 - Block Diagram
RIE
RIH
RL
10nF


Similar Part No. - AS1720

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS172-73 SKYWORKS-AS172-73 Datasheet
49Kb / 2P
PHEMT GaAs IC Transfer Switch DC-2 GHz
AS172-73 SKYWORKS-AS172-73 Datasheet
199Kb / 4P
PHEMT GaAs IC Transfer Switch 300 kHz-2 GHz
AS172-73LF SKYWORKS-AS172-73LF Datasheet
199Kb / 4P
PHEMT GaAs IC Transfer Switch 300 kHz-2 GHz
AS172-73 SKYWORKS-AS172-73_05 Datasheet
199Kb / 4P
PHEMT GaAs IC Transfer Switch 300 kHz-2 GHz
More results

Similar Description - AS1720

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1112 AMSCO-AS1112_12 Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
AS1115 AMSCO-AS1115_12 Datasheet
3Mb / 26P
64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
AS1116 AMSCO-AS1116_12 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
AS1118 AMSCO-AS1118 Datasheet
1Mb / 21P
64 LED Dr iver for Mobi le Appl ications wi th Er ror Detect ion
AS1122 AMSCO-AS1122 Datasheet
4Mb / 23P
12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
AS1123 AMSCO-AS1123 Datasheet
2Mb / 25P
Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
logo
TEXAS ADVANCED OPTOELEC...
AS1112 TAOS-AS1112 Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
AS1116 TAOS-AS1116 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
logo
Infineon Technologies A...
ICE3AR0680JZ INFINEON-ICE3AR0680JZ Datasheet
2Mb / 34P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
Version 2.1a, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com