| Electronic Components Datasheet Search |
|
AS8221-ASSP Datasheet(PDF) 15 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8221-ASSP Datasheet(HTML) 15 Page - ams AG |
|
15 / 42 page ![]() AS8221 Datasheet - Detailed Descr i p ti on www.austriamicrosystems.com/flexray/AS8221 Revision 1.7 15 - 42 8.3.1 NORMAL Mode In this mode the Transceiver is able to send and receive data signals on the bus. TxEN and BGE enables and disables the transmission of data streams. INH1 and INH2 outputs are set high. RxD reflects bus data and bus state. The error-read-out-mechanism is enabled. In NORMAL mode, the transmitter state can be selected as shown in the Table 5. In case the over-temperature flag is set the Transmitter will be disabled. The bus wires are terminated to VCC/2 via Receiver input resistances. If the differential bus voltage is higher than VBUSActiveHigh or lower than VBUSActiveLow for a time longer than tBUSActivityDetection, then activity is detected on the bus (Bus = active), RxEN is switched to logical “low” and RxD is released. If, after the activity detection, the differential bus voltage is higher than VData1, RxD is high. If, after the activity detection, the differential bus voltage is lover than VData0, RxD is low. If the absolute differential bus voltage is lower than VBUSActiveHigh and higher than VBUSActiveLow for a time longer than tBUSIdleDetection, then idle is detected on the bus (Bus = idle), RxEN and RxD are switched to logical “high” 8.3.2 RECEIVE-ONLY Mode In RECEIVE-ONLY mode the Transmitter is disabled but the Receiver is active. 8.3.3 STANDBY Mode In this mode the Transceiver is not able to send and receive data signals from the bus, but the wake-up detector is active. The power consumption is significantly reduced with respect to the non-low-power operation modes. RxD and RxEN, reflects the negation of the wake-up flag. INH1 is set to high. If wake-up flag is set then INH2 is high, otherwise it is floating. The error-read-out-mechanism is not enabled. The bus wires are terminated to GND (bus state: Idle_LP). 8.3.4 GO-TO-SLEEP Mode In this mode the Transceiver has the same behavior as in STANDBY mode but if this mode is selected for a time longer than tSLEEP and the wake flag is cleared the device enters into the SLEEP mode. 8.3.5 SLEEP Mode In SLEEP mode only the bus wake and local wake detection is enabled. IN1 and INH2 are floating. 8.4 Non Operating Mode The AS8221 provides the following non operating mode: 8.4.1 POWER-OFF In this mode the Transceiver is not able to operate. RxD, RxEN are set to high and ERRN is set to low. INH1 and INH2 are floating. The bus wires are not connected to GND (bus state: Idle_HZ). Table 5. Transmitter State BGE TxEN TxD Transmitter state Bus State H L H Enabled Data1 (BP is driven high, BM is driven low) H L L Enabled Data0 (BP is driven low, BM is driven High) X H X Disabled Idle (BP and BM are not driven) L X X Disabled Idle (BP and BM are not driven) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |