Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0839/PC Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PX0839/PC
Description  Ethernet Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0839/PC Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PX0839/PC Datasheet HTML 1Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 2Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 3Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 4Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 5Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.elektron-bulgin.com
46
IP68 rated
Cat 5e compliant
PUR jacket on cable
Shielded system
Cat 5e shielded coupler
Shroud on RJ45
Screw coupling
Rewireable flex connector
PCB mounted panel connector
IDC termination panel connector
Earth lead version of panel adaptor
Dust and waterproof sealing when mated
Data rate up to 100MHz
Good chemical resistance, flame retardant
High noise immunity and EMI protection
Maintains shielding
Protection from abuse and mis-mating
Secure, proven locking system
Ability to ‘field’ terminate
Direct PCB mount panel connector
Simple termination
Continuous screening of panel mount
connector
Ethernet Buccaneer®
Coupling ring, screw thread
provides secure cable coupling
Shroud for RJ45 provides
protection against damage
through mis-use and positive
alignment for mating of
connectors
Sealing gland and cage optimised to
maintain IP68 seal and provide secure
cable restraint without disrupting signal
‘O’ ring maintains IP68 seal
at connector interface
Shielded Cat 5e coupler
maintains screening
Panel gasket
maintains IP68
seal to panel
Over moulded assembly provides
IP68 cable seal
Coupling ring, screw thread
provides secure cable coupling
Shroud for RJ45 provides protection
against damage through mis-use
and positive alignment for mating
of connectors
Sealing Cap Clip
‘O’ ring maintains IP68 seal
at connector interface
Panel gasket maintains
IP68 seal to panel
Retaining Nut
Shielded Cat 5e coupler
maintains screening
BUCCANEER FOR DATA
IP68
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:38
Page 46


Similar Part No. - PX0839/PC

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PX0839/PC BULGINLIMITED-PX0839/PC Datasheet
682Kb / 7P
Standard Buccaneer - Ethernet
More results

Similar Description - PX0839/PC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
EZ80F920120MOD ZILOG-EZ80F920120MOD Datasheet
252Kb / 4P
Ethernet Module
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
FireWire Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
400 Series Buccaneer짰
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
USB Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
900 Series Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
Mini Buccaneer짰
logo
List of Unclassifed Man...
SA3319 ETC2-SA3319 Datasheet
585Kb / 20P
Buccaneer짰 Connectors
logo
AAEON Technology
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
gigabit ethernet
logo
Analog Devices
AD9574 AD-AD9574 Datasheet
873Kb / 35P
Ethernet/Gigabit Ethernet Clock Generator
4/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com