Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELM620BA Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM620BA
Description  1.4MHz high efficiency synchronous PWM step up DC/DC converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM620BA Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM620BA Datasheet HTML 1Page - ELM Technology Corporation ELM620BA Datasheet HTML 2Page - ELM Technology Corporation ELM620BA Datasheet HTML 3Page - ELM Technology Corporation ELM620BA Datasheet HTML 4Page - ELM Technology Corporation ELM620BA Datasheet HTML 5Page - ELM Technology Corporation ELM620BA Datasheet HTML 6Page - ELM Technology Corporation ELM620BA Datasheet HTML 7Page - ELM Technology Corporation ELM620BA Datasheet HTML 8Page - ELM Technology Corporation ELM620BA Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Rev.1.0
■Pin assignment
1) SW (Pin 1) : Switch pin.
Connect inductor between SW and VIN. Keep these PCB trace lengths as short and wide as possible to reduce
EMI and voltage overshoot.
2) GND (Pin 2) : Signal and power ground.
Provide a short direct PCB path between GND and the (−) side of output capacitor(s).
3) FB (Pin 3) : Feedback input to gm error amplifier.
Connect resistor divider tap to this pin. The output voltage can be adjusted from 2.5V to 6V by :
Vout = 1.203V × (1 + R1 )
R2
4) EN (Pin 4) : Logic controlled shutdown input.
EN = High: Normal free running operation, 1.4MHz typical operating frequency. EN = Low: Shutdown, quies-
cent current < 1μA. Output capacitor can be completely discharged through the load or feedback resistors.
5) VOUT (Pin 5) : Output voltage sense input and drain of internal synchronous rectifier MOSFET.
Bias is derived from Vout. PCB trace length from Vout to output filter capacitor(s) should be as short and wide
as possible.
6) VIN (Pin 6) : Battery input voltage.
The device gets its start-up bias from Vin. Once Vout exceeds Vin, bias comes from Vout. Thus, once operation
is started, it is completely independent from Vin and only limited by output power level and battery’s internal
series resistance.
SOT-26(TOP VIEW)
1
2
3
6
5
4
■Pin configuration
Pin No.
Pin name
Pin description
1
SW
Switch
2
GND
Ground
3
FB
Feedback
4
EN
ON/OFF control (High enable)
5
VOUT
Output
6
VIN
Input
10 -
ELM620BA 1.4MHz
high efficiency synchronous PWM step up DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com