Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1673 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1673
Description  Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1673 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1673 Datasheet HTML 16Page - Linear Technology LT1673 Datasheet HTML 17Page - Linear Technology LT1673 Datasheet HTML 18Page - Linear Technology LT1673 Datasheet HTML 19Page - Linear Technology LT1673 Datasheet HTML 20Page - Linear Technology LT1673 Datasheet HTML 21Page - Linear Technology LT1673 Datasheet HTML 22Page - Linear Technology LT1673 Datasheet HTML 23Page - Linear Technology LT1673 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3108-1
21
31081fa
TYPICAL APPLICATIONS
Low Profile (1.5mm) Step-Up Converter/Harvester Using 1:10 Transformer
31081 TA07
C1
C2
SW
VS2
VS1
OUTPUT CAN SUPPORT A 20mA,
10ms LOAD PULSE EVERY 0.4s
AT VIN = 150mV
VOUT2
VIN
150mV TO 600mV
VOUT2
PGOOD
2.2V
330μF
3
PGD
VLDO
VSTORE
VOUT
VOUT2_EN
ENABLE
LTC3108-1
VAUX
GND
2.2V
10ms
10ms
3V
BAS31
VAUX
10μF
CIN
T1
1:10
T1: COILCRAFT LPR4012-202LML
*CRES LOWERS START-UP VOLTAGE
TO 135mV TYPICAL
330pF
499k
2.2μF
VLDO
CRES*
390pF
0.068μF
0.1μF
ON
OFF
3V AT 20mA
AVX TPSX337M004R0100
+
VIN (mV)
150
4
5
3
2
250 300
400
200
350
450
550
500
600
1
0
6
31081 TA07b
VOUT ≤ 3V
MINIMUM LIMIT
TYPICAL
IVOUT vs VIN (Steady State)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com