Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3613 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3613
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3613 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3613 Datasheet HTML 22Page - Linear Technology LTC3613 Datasheet HTML 23Page - Linear Technology LTC3613 Datasheet HTML 24Page - Linear Technology LTC3613 Datasheet HTML 25Page - Linear Technology LTC3613 Datasheet HTML 26Page - Linear Technology LTC3613 Datasheet HTML 27Page - Linear Technology LTC3613 Datasheet HTML 28Page - Linear Technology LTC3613 Datasheet HTML 29Page - Linear Technology LTC3613 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LTC3613
26
3613fa
APPLICATIONS INFORMATION
Design Example
Consider a step-down converter with VIN = 6V to 24V, VOUT
= 1.2V, IOUT(MAX) = 15A, and f = 350kHz (see Figure 9).
The regulated output voltage is determined by:
VOUT =0.6V • 1+
RFB2
RFB1
⎛
⎝⎜
⎞
⎠⎟
Using a 20k resistor from VOSNS+ to VOSNS–, the top
feedback resistor is also 20k.
The frequency is programmed by:
RT kΩ
[]=
41550
fkHz
[]
–2.2=
41550
350
–2.2
≈116.5k
Select the nearest standard value of 115k.
The minimum on-time occurs for maximum VINandshould
be greater than 65ns, which is the best that the LTC3613
can achieve. The minimum on-time for this application is:
tON(MIN)=
VOUT
VIN(MAX) • f
=
1.2V
24V
•350kHz
≈143ns
Set the inductor value to give 40% ripple current at maxi-
mum VIN:
L=
1.2V
350kHz
• 40%•15A
• 1–
1.2V
24V
⎛
⎝⎜
⎞
⎠⎟ ≈
0.54μH
Select 0.56μH, which is the nearest standard value.
PVIN
SVIN
VOUT
PGOOD
RUN
VRNG
SENSE–
SENSE+
RPGD
100k
INTVCC
RITH
28k
RT
115k
RDCR
3.09k
LTC3613
RFB2
20k
RFB1
20k
COUT1
330μF
2.5V
×2
COUT2
100μF
×2
L1
0.56μH
SW
DB
CSS
0.1μF
RDIV1
52.3k
RDIV2
10k
CITH1
220pF
CITH2 100pF
3613 F10
VIN
6V TO 24V
VOUT
1.2V
15A
CDCR
0.1μF
CB 0.1μF
CVCC
4.7μF
CIN1: SANYO 25SVPD82M
COUT1: SANYO 2R5TPE330M9
DB: CENTRAL CMDSH-3
L1: VISHAY IHLP4040DZ-056μH
TRACK/SS
ITH
RT
MODE/PLLIN
EXTVCC
SGND
BOOST
INTVCC
INTVCC
PGND
VOSNS
+
VOSNS
–
CIN2
10μF
CIN1
82μF
25V
+
+
350kHz
LOAD CURRENT (A)
0.1
40
60
70
80
100
1
10
100
3613 F10a
20
30
50
90
10
0
VIN = 12V
VOUT = 1.2V
PULSE-SKIPPING
MODE
FORCED
CONTINUOUS
MODE
Figure 9. 1.2V, 15A, 350kHz Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com