Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4444 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4444
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444 Datasheet(HTML) 1 Page - Linear Technology

  LTC4444 Datasheet HTML 1Page - Linear Technology LTC4444 Datasheet HTML 2Page - Linear Technology LTC4444 Datasheet HTML 3Page - Linear Technology LTC4444 Datasheet HTML 4Page - Linear Technology LTC4444 Datasheet HTML 5Page - Linear Technology LTC4444 Datasheet HTML 6Page - Linear Technology LTC4444 Datasheet HTML 7Page - Linear Technology LTC4444 Datasheet HTML 8Page - Linear Technology LTC4444 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3780
1
3780fe
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Efficiency, Synchronous,
4-Switch Buck-Boost Controller
The LTC
®3780 is a high performance buck-boost switch-
ing regulator controller that operates from input voltages
above, below or equal to the output voltage. The constant
frequency current mode architecture allows a phase-lock-
able frequency of up to 400kHz. With a wide 4V to 30V
(36V maximum) input and output range and seamless
transfers between operating modes, the LTC3780 is ideal
for automotive, telecom and battery-powered systems.
The operating mode of the controller is determined through
the FCB pin. For boost operation, the FCB mode pin can
select among Burst Mode
® operation, discontinuous mode
and forced continuous mode. During buck operation, the
FCB mode pin can select among skip-cycle mode, discon-
tinuous mode and forced continuous mode. Burst Mode
operation and skip-cycle mode provide high efficiency
operation at light loads while forced continuous mode and
discontinuous mode operate at a constant frequency.
Fault protection is provided by an output overvoltage
comparator and internal foldback current limiting. A power
good output pin indicates when the output is within 7.5%
of its designed set point.
High Efficiency Buck-Boost Converter
n Single Inductor Architecture Allows VIN Above,
Below or Equal to VOUT
n Wide VIN Range: 4V to 36V Operation
n Synchronous Rectification: Up to 98% Efficiency
n Current Mode Control
n
±1% Output Voltage Accuracy: 0.8V < VOUT < 30V
n Phase-Lockable Fixed Frequency: 200kHz to 400kHz
n Power Good Output Voltage Monitor
n Internal LDO for MOSFET Supply
n Quad N-Channel MOSFET Synchronous Drive
n VOUT Disconnected from VIN During Shutdown
n Adjustable Soft-Start Current Ramping
n Foldback Output Current Limiting
n Selectable Low Current Modes
n Output Overvoltage Protection
n Available in 24-Lead SSOP and Exposed Pad
(5mm
× 5mm) 32-Lead QFN Packages
n Automotive Systems
n Telecom Systems
n DC Power Distribution Systems
n High Power Battery-Operated Devices
n Industrial Control
, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5481178, 6304066, 5929620, 5408150, 6580258,
patent pending on current mode architecture and protection
+
VIN
TG2
0.1μF
0.1μF
BOOST2
SW2
BG2
TG1
BOOST1
SW1
BG1
PLLIN
RUN
VOSENSE
ITH
SS
SGND
FCB
0.010Ω
4.7μF
A
B
D
C
2200pF
1μF
CER
100μF
16V
CER
330μF
16V
ON/OFF
0.1μF
4.7μH
20k
PGOOD
LTC3780
INTVCC
SENSE+ SENSE– PGND
7.5k
1%
3780 TA01
105k
1%
22μF
50V
CER
VIN
5V TO 32V
VOUT
12V
5A
+
VIN (V)
0
90
95
100
15
25
3780 TA01b
85
80
510
20
30
35
75
70
8
9
10
7
6
5
4
3
2
1
0
Efficiency and Power Loss
VOUT = 12V, ILOAD = 5A


Similar Part No. - LTC4444

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4444 LINER-LTC4444 Datasheet
189Kb / 12P
High Voltage Synchronous N-Channel MOSFET Driver
LTC4444 LINER-LTC4444 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4444 LINER-LTC4444 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4444 AD-LTC4444 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
LTC4444 AD-LTC4444 Datasheet
617Kb / 14P
150V Dual High-Side MOSFET Gate Driver
More results

Similar Description - LTC4444

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
High Effi ciency Buck-Boost DC/DC 關Module
LTC3785-1 LINER-LTC3785-1 Datasheet
240Kb / 20P
10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3785 LINER-LTC3785 Datasheet
259Kb / 20P
10V, High Effi ciency, Synchronous, No RSENSE Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
High Efficiency, Synchronous 4-Switch Buck-Boost Controller
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com