Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4253 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4253
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 23Page - Linear Technology LTC4253 Datasheet HTML 24Page - Linear Technology LTC4253 Datasheet HTML 25Page - Linear Technology LTC4253 Datasheet HTML 26Page - Linear Technology LTC4253 Datasheet HTML 27Page - Linear Technology LTC4253 Datasheet HTML 28Page - Linear Technology LTC4253 Datasheet HTML 29Page - Linear Technology LTC4253 Datasheet HTML 30Page - Linear Technology LTC4253 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LTC4253/LTC4253A
27
425353afe
APPLICATIONS INFORMATION
VACL
VCB
VIN – VGATEH
OV
TIMER
GATE
SENSE
SS
12 34
5
6 7 8 9
GATE
START-UP
4253 F11
OV DROPS BELOW VOVLO (VOV – VOVHST FOR THE LTC4253A), CHECK GATE < VGATEL, SENSE < VCB
OS
OV OVERSHOOTS VOVHI (VOV FOR THE LTC4253A). GATE AND SS ARE PULLED DOWN, PWRGD SIGNALS AND TIMER ARE UNAFFECTED
VOVHI
VOVLO
VTMRH
VGATEL
ACL + VOS)
CB + VOS)
OS
5μA
50μA
50μA
5μA
DRN
CB FAULT
CB FAULT
CB FAULT
CB FAULT
12
1
2
1
2
3
4
TIMER
GATE
SENSE
VOUT
SS
DRAIN
PWRGD1
TIMER
GATE
SENSE
VOUT
SS
DRAIN
PWRGD1
TIMER
GATE
SENSE
VOUT
SS
DRAIN
PWRGD1
4253 F12
CB TIMES-OUT
CB TIMES-OUT
VTMRH
VACL
VCB
VACL
VCB
5μA
5μA
VDRNCL
DRN
DRN
VTMRH
VACL
VCB
VDRNCL
DRN
VTMRH
Figure 11. Overvoltage Timing (All Waveforms Are Referenced to VEE)
Figure 12. Circuit Breaker Timing Behavior (All Waveforms Are Referenced to VEE)
(12a) Momentary Circuit Breaker Fault
(12b) Circuit Breaker Time-Out
(12c) Multiple Circuit Breaker Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com