Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4263 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4263
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 18Page - Linear Technology LTC4263 Datasheet HTML 19Page - Linear Technology LTC4263 Datasheet HTML 20Page - Linear Technology LTC4263 Datasheet HTML 21Page - Linear Technology LTC4263 Datasheet HTML 22Page - Linear Technology LTC4263 Datasheet HTML 23Page - Linear Technology LTC4263 Datasheet HTML 24Page - Linear Technology LTC4263 Datasheet HTML 25Page - Linear Technology LTC4263 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC4270/LTC4271
22
42701fb
ApplicAtions inForMAtion
Table 6. Example Current Limit Settings
ILIM (mA)
INTERNAL REGISTER SETTING (hex)
RSENSE = 0.5Ω
RSENSE = 0.25Ω
53
88
106
08
88
159
89
213
80
08
266
8A
319
09
89
372
8B
425
00
80
478
8E
531
92
8A
584
CB
638
10
90
744
D2
9A
850
40
C0
956
4A
CA
1063
50
D0
1169
5A
DA
1275
60
E0
1488
52
49
1700
40
1913
4A
2125
50
2338
5A
2550
60
2975
52
ILIM Foldback
The LTC4270/LTC4271 features a two-stage foldback
circuit that reduces the port current if the port voltage falls
below the normal operating voltage. This keeps MOSFET
power dissipation at safe levels for typical 802.3af MOS-
FETs, even at extended 802.3at power levels. Current limit
and foldback behavior are programmable on a per-port
basis.
Table 6 gives examples of recommended ILIM register
settings.
The LTC4270/LTC4271 will support current levels well
beyond the maximum values in the 802.3at specification.
The shaded areas in Table 6 indicate settings that may
require a larger external MOSFET, additional heat sinking,
or setting tLIM Enable.
MOSFET Fault Detection
LTC4270/LTC4271 PSE ports are designed to tolerate
significant levels of abuse, but in extreme cases it is pos-
sible for the external MOSFET to be damaged. A failed
MOSFET may short source to drain, which will make the
port appear to be on when it should be off; this condition
may also cause the sense resistor to fuse open, turning
off the port but causing the LTC4270 SENSE pin to rise
to an abnormally high voltage. A failed MOSFET may also
short from gate to drain, causing the LTC4270 GATE pin
to rise to an abnormally high voltage. The LTC4270 OUT,
SENSE and GATE pins are designed to tolerate up to 80V
faults without damage.
If the LTC4270/LTC4271 sees any of these conditions for
more than 180μs, it disables all port functionality, reduces
the gate drive pull-down current for the port and reports
a FET Bad fault. This is typically a permanent fault, but
the host can attempt to recover by resetting the port, or
by resetting the entire chip if a port reset fails to clear the
fault. If the MOSFET is in fact bad, the fault will quickly
return, and the port will disable itself again. The remaining
ports of the LTC4270/LTC4271 are unaffected.
An open or missing MOSFET will not trigger a FET Bad
fault, but will cause a tSTARTfault if the LTC4270/LTC4271
attempts to turn on the port.
Port Current Readback
The LTC4270/LTC4271 measures the current at each port
with an internal A/D converter. Port data is only valid when
the port power is on and reads zero at all other times. The
converter has two modes:
• 100ms mode: Samples are taken continuously and the
measured value is updated every 100ms
• 1s mode: Samples are taken continuously; a moving 1
second average is updated every 100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com