Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS116LP3-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS116LP3-7
Description  ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116LP3-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS116LP3-7 Datasheet HTML 1Page - Diodes Incorporated BAS116LP3-7 Datasheet HTML 2Page - Diodes Incorporated BAS116LP3-7 Datasheet HTML 3Page - Diodes Incorporated BAS116LP3-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS116LP3
Document number: DS35241 Rev. 5 - 2
1 of 4
www.diodes.com
January 2012
© Diodes Incorporated
BAS116LP3
ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
Features
Ultra-Small Leadless Surface Mount Package (0.6 x 0.3mm)
Ultra-Low Profile Package (0.3mm)
Very Low Leakage Current
Low Capacitance
Ideal for Compact Battery Powered Portable Electronics
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: X3-DFN0603-2
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Bar
Terminals: Finish
− Matte Tin Finish over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Weight: 0.2mg (Approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
BAS116LP3-7
X3-DFN0603-2
10,000/Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
BA = Product Type Marking Code
Bar Denotes Cathode Side
Top View
Bottom View
BA


Similar Part No. - BAS116LP3-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116LP3 DIODES-BAS116LP3_15 Datasheet
180Kb / 4P
ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 6
More results

Similar Description - BAS116LP3-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMAD6001 CENTRAL-CMAD6001 Datasheet
187Kb / 2P
SURFACE MOUNT SILICON ULTRA LOW LEAKAGE SWITCHING DIODE
CMUDW6001 CENTRAL-CMUDW6001 Datasheet
546Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_11 Datasheet
367Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
logo
Diodes Incorporated
BAS116LP3 DIODES-BAS116LP3_15 Datasheet
180Kb / 4P
ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 6
DLLFSD01LP3 DIODES-DLLFSD01LP3_15 Datasheet
412Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
Rev erse
logo
Central Semiconductor C...
CMAD6001 CENTRAL-CMAD6001_15 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_15 Datasheet
367Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
logo
Diodes Incorporated
BAV116T DIODES-BAV116T_16 Datasheet
373Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT DIODE
Rev erse
DLLFSD01LPH4 DIODES-DLLFSD01LPH4 Datasheet
437Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
Rev erse
DLLFSD01LP3Q DIODES-DLLFSD01LP3Q Datasheet
575Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
March 2022 Rev. 2 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com