Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X2-DFN0806-3 Datasheet(PDF) 42 Page - Diodes Incorporated

Part # X2-DFN0806-3
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

X2-DFN0806-3 Datasheet(HTML) 42 Page - Diodes Incorporated

Back Button X2-DFN0806-3 Datasheet HTML 38Page - Diodes Incorporated X2-DFN0806-3 Datasheet HTML 39Page - Diodes Incorporated X2-DFN0806-3 Datasheet HTML 40Page - Diodes Incorporated X2-DFN0806-3 Datasheet HTML 41Page - Diodes Incorporated X2-DFN0806-3 Datasheet HTML 42Page - Diodes Incorporated X2-DFN0806-3 Datasheet HTML 43Page - Diodes Incorporated X2-DFN0806-3 Datasheet HTML 44Page - Diodes Incorporated X2-DFN0806-3 Datasheet HTML 45Page - Diodes Incorporated X2-DFN0806-3 Datasheet HTML 46Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
AP02002 Rev. 60
42 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
Axial / Through-Hole Packages
DO-35
Dim
Min
Max
A
25.40
-
B
-
4.00
C
-
0.60
D
-
2.00
All Dimensions in mm
DO-41 Plastic
Dim
Min
Max
A
25.40
-
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
DO-41 Glass
Dim
Min
Max
A
25.40
-
B
-
4.70
C
-
0.863
D
-
2.71
All Dimensions in mm
DO-15
Dim
Min
Max
A
25.40
-
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
DO-201
Dim
Min
Max
A
25.40
-
B
8.50
9.53
C
0.96
1.06
D
4.80
5.21
All Dimensions in mm
DO-201AD
Dim
Min
Max
A
25.40
-
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
R-6
Dim
Min
Max
A
25.40
-
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm
T-1
Dim
Min
Max
A
25.40
-
B
2.60
3.20
C
0.53
0.64
D
2.20
2.60
All Dimensions in mm
DF-M
DF-M
Dim
Min
Max
A
7.40
7.90
B
6.20
6.50
C
0.22
0.30
D
1.27
2.03
E
7.60
8.90
G
3.81
4.69
H
8.13
8.51
J
2.40
3.40
K
5.00
5.20
L
0.46
0.58
All Dimensions in mm
E
H
L
K
A
D
C
G
B
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com