Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZY93C68R Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # BZY93C68R
Description  Zener Diodes (Studs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

BZY93C68R Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  BZY93C68R Datasheet HTML 1Page - Naina Semiconductor ltd. BZY93C68R Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor
2
D-95, Sector 63, Noida
sales@nainasemi.com
Electrical Characteristics (TA = 25
OC unless otherwise specified)
Stud Cathode Part
number
Stud Anode Par
number
BZY93C7V5
BZY93C7V5R
BZY93C8V2
BZY93C8V2R
BZY93C9V1
BZY93C9V1R
BZY93C10
BZY93C10R
BZY93C11
BZY93C11R
BZY93C12
BZY93C12R
BZY93C13
BZY93C13R
BZY93C15
BZY93C15R
BZY93C16
BZY93C16R
BZY93C18
BZY93C18R
BZY93C20
BZY93C20R
BZY93C22
BZY93C22R
BZY93C24
BZY93C24R
BZY93C27
BZY93C27R
BZY93C30
BZY93C30R
BZY93C33
BZY93C33R
BZY93C36
BZY93C36R
BZY93C39
BZY93C39R
BZY93C43
BZY93C43R
BZY93C47
BZY93C47R
BZY93C51
BZY93C51R
BZY93C56
BZY93C56R
BZY93C62
BZY93C62R
BZY93C68
BZY93C68R
BZY93C75
BZY93C75R
emiconductor Ltd.
BZY93 Series
Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120
sales@nainasemi.com
•
www.nainasemi.com
Zener Diodes (Studs)
C unless otherwise specified)
Stud Anode Part
Zener Voltage
VZ @ IZ
(V)
IZ
(A)
Zener
Resistance
RZ @ IZ
(Ω)
MIN
MAX
Typ.
Max
BZY93C7V5R
7.0
7.9
2.0
0.04
0.3
BZY93C8V2R
7.7
8.7
2.0
0.05
0.3
BZY93C9V1R
8.5
9.6
1.0
0.07
0.5
9.4
10.6
1.0
0.09
0.5
10.4
11.6
1.0
0.08
1.0
11.4
12.7
1.0
0.08
1.0
12.4
14.1
1.0
0.08
1.0
13.8
15.6
1.0
0.10
1.2
15.3
17.1
0.5
0.18
1.2
16.8
19.1
0.5
0.20
1.5
18.8
21.2
0.5
0.20
1.5
20.8
23.3
0.5
0.21
1.8
22.7
25.9
0.5
0.22
2.0
25.1
28.9
0.5
0.25
2.0
28.0
32.0
0.5
0.30
2.5
31.0
35.0
0.5
0.75
4.0
34.0
38.0
0.2
0.85
5.0
37.0
41.0
0.2
0.90
6.5
40.0
46.0
0.2
1.00
7.0
44.0
50.0
0.2
1.00
7.5
48.0
54.0
0.2
1.20
8.0
52.0
60.0
0.2
1.30
9.0
58.0
66.0
0.2
1.50
10.0
64.0
72.0
0.2
1.80
11.0
70.0
79.0
0.2
2.00
15.0
BZY93 Series
4205450
•
Fax: 0120-4273653
www.nainasemi.com
Maximum Reverse Leakage
Current
IR @ VR
(mA)
(V)
0.10
5.1
0.10
5.6
0.05
6.2
0.05
6.8
0.05
7.5
0.05
8.2
0.05
9.1
0.05
10
0.05
11
0.05
12
0.05
13
0.05
15
0.05
16
0.05
18
0.05
20
0.05
22
0.05
24
0.05
27
0.05
30
0.05
33
0.05
36
0.05
39
0.05
43
0.05
47
0.05
51



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com