Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDJ2104BASE Datasheet(PDF) 89 Page - Elpida Memory

Part # EDJ2104BASE
Description  2G bits DDR3 SDRAM
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ2104BASE Datasheet(HTML) 89 Page - Elpida Memory

Back Button EDJ2104BASE Datasheet HTML 85Page - Elpida Memory EDJ2104BASE Datasheet HTML 86Page - Elpida Memory EDJ2104BASE Datasheet HTML 87Page - Elpida Memory EDJ2104BASE Datasheet HTML 88Page - Elpida Memory EDJ2104BASE Datasheet HTML 89Page - Elpida Memory EDJ2104BASE Datasheet HTML 90Page - Elpida Memory EDJ2104BASE Datasheet HTML 91Page - Elpida Memory EDJ2104BASE Datasheet HTML 92Page - Elpida Memory EDJ2104BASE Datasheet HTML 93Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 148 page
background image
EDJ2104BASE, EDJ2108BASE
Preliminary Data Sheet E1505E20 (Ver. 2.0)
89
TDQS, /TDQS function (MR1)
TDQS (Termination Data Strobe) is a feature of
×8 DDR3 SDRAM that provides additional termination resistance
outputs that may be useful in some system configurations.
TDQS is not supported in
×4 configurations. When enabled via the mode register, the same termination resistance
function is applied to the TDQS and /TDQS pins that are applied to the DQS and /DQS pins.
In contrast to the RDQS function of DDR2 SDRAM, TDQS provides the termination resistance function only. The
data strobe function of RDQS is not provided by TDQS.
The TDQS and DM functions share the same pin. When the TDQS function is enabled via the mode register, the DM
function is not supported. When the TDQS function is disabled, the DM function is provided and the /TDQS pin is
not used. See Table TDQS, /TDQS function for details.
The TDQS function is available in
×8 DDR3 SDRAM only and must be disabled via the mode register A11 = 0 in
MR1 for
×4 configurations.
[TDQS, /TDQS function]
A11@MR1
TDQS enable
0
Disable
1
Enable
Notes: 1. If TDQS is enabled, the DM function is disabled.
2. When not used, TDQS function can be disabled to save termination power.
3. TDQS function is only available for
×8 DRAM and must be disabled for ×4.
[Function matrix]
A11@MR1 (TDQS enable)
DM/TDQS
NU/ /TDQS
0
DM
High-Z
1
TDQS
/TDQS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com