Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXOS8700CQR1 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQR1
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQR1 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQR1 Datasheet HTML 45Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 46Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 47Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 48Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 49Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 50Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 51Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 52Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
49
Table 51. A_FFMT_THS_X_MSB (0x73) bit descriptions
Field
Description
a_ffmt_ths_xyz_en
For a_ffmt_ths_xyz_en = 0 the ASIC uses the ffmt_ths[6:0] value located in register x17[6:0] as a common threshold
for the X, Y, and Z-axis acceleration detection. The common unsigned 7-bit acceleration threshold has a fixed
resolution of 63 mg/LSB, with a range of 0-127 counts.
For a_ffmt_ths_xyz_en = 1 the ASIC ignores the common 7-bit G_FFMT_THS value located in register x17 when
executing the FFMT function, and the following independent threshold values are used for each axis:
A_FFMT_THS_X_MSB and A_FFMT_THS_X_LSB are used for the X-axis acceleration threshold,
A_FFMT_THS_Y_MSB and A_FFMT_THS_Y_LSB for the Y-axis acceleration threshold,
A_FFMT_THS_Z_MSB and A_FFMT_THS_Z_LSB for the Z-axis acceleration threshold.
The A_FFMT_THS_X/Y/Z thresholds are 13-bit unsigned values that have the same resolution as the accelerometer
output data determined by XYZ_DATA_CFG fs [1:0]. The a_ffmt_ths_xyz_en and a_ffmt_trans_ths_en bits must not
be enabled simultaneously.
a_ffmt_ths_x[12:6]
7-bit MSB of X-axis acceleration threshold
a_ffmt_ths_x[5:0]
—
—
0b000000
0
0
Figure 48. A_FFMT_THS_X_LSB (0x74) register
a_ffmt_trans_ths_en
a_ffmt_ths_y[12:6]
0
0b0000000
Figure 49. A_FFMT_THS_Y_MSB (0x75) register
Table 52. A_FFMT_THS_X_MSB (0x73) bit descriptions
Field
Description
a_ffmt_trans_ths_en
For a_ffmt_trans_ths_en =0 the ASIC uses the tr_ths[6:0] value located in TRANSIENT_THS (0x1F) register as a
common threshold for the X, Y, and Z-axis transient acceleration detection. The common unsigned 7-bit transient
acceleration threshold has a fixed resolution of 63 mg/LSB with a range of 0-127 counts.
For a_ffmt_trans_ths_en = 1 the ASIC ignores the common 7-bit tr_ths[6:0] value located in register x1F when
executing the transient acceleration function, and the following independent threshold values are used for each axis:
A_FFMT_THS_X_MSB and A_FFMT_THS_X_LSB are used for the X-axis transient acceleration threshold,
A_FFMT_THS_Y_MSB and A_FFMT_THS_Y_LSB for the Y-axis transient acceleration threshold,
A_FFMT_THS_Z_MSB and A_FFMT_THS_Z_LSB for the Z-axis transient acceleration threshold.
The A_FFMT_THS_X/Y/Z thresholds are 13-bit unsigned values that have the same resolution as the accelerometer
output data determined by XYZ_DATA_CFG fs [1:0]. The a_ffmt_ths_xyz_en and a_ffmt_trans_ths_en bits must not
be enabled simultaneously
a_ffmt_ths_y[12:6]
7-bit MSB of Y-axis acceleration threshold
a_ffmt_ths_y[5:0]
—
—
0b000000
0
0
Figure 50. A_FFMT_THS_Y_LSB (0x76) register
—
a_ffmt_ths_z[12:6]
0
0b0000000
Figure 51. A_FFMT_THS_Z_MSB (0x77) register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com