Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0906-2KLC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 0906-2KLC
Description  RF Power LDMOS Transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

0906-2KLC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  0906-2KLC Datasheet HTML 1Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 2Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 3Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 4Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 5Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 6Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 7Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 8Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS = 13.6 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
1.6
—
pF
Output Capacitance
(VDS = 13.6 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
49.5
—
pF
Input Capacitance
(VDS = 13.6 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
—
109
—
pF
Functional Tests (1) (In Freescale Narrowband Test Fixture, 50 ohm system) VDD = 13.6 Vdc, IDQ =10 mA, Pout = 31W,f= 520 MHz
Common--Source Amplifier Power Gain
Gps
16.5
17.7
19.0
dB
Drain Efficiency
ηD
70.0
71.4
—
%
Load Mismatch/Ruggedness (In Freescale Test Fixture, 50 ohm system, IDQ =10 mA)
Frequency
(MHz)
Signal
Type
VSWR
Pout
(W)
Test Voltage, VDD
Result
520
CW
>65:1 at all Phase Angles
47
(3 dB Overdrive)
17
No Device Degradation
1. Measurement made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull
wing (GN) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com