Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q32B-104FIP Datasheet(PDF) 49 Page - Eon Silicon Solution Inc.

Part # EN25Q32B-104FIP
Description  32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q32B-104FIP Datasheet(HTML) 49 Page - Eon Silicon Solution Inc.

Back Button EN25Q32B-104FIP Datasheet HTML 45Page - Eon Silicon Solution Inc. EN25Q32B-104FIP Datasheet HTML 46Page - Eon Silicon Solution Inc. EN25Q32B-104FIP Datasheet HTML 47Page - Eon Silicon Solution Inc. EN25Q32B-104FIP Datasheet HTML 48Page - Eon Silicon Solution Inc. EN25Q32B-104FIP Datasheet HTML 49Page - Eon Silicon Solution Inc. EN25Q32B-104FIP Datasheet HTML 50Page - Eon Silicon Solution Inc. EN25Q32B-104FIP Datasheet HTML 51Page - Eon Silicon Solution Inc. EN25Q32B-104FIP Datasheet HTML 52Page - Eon Silicon Solution Inc. EN25Q32B-104FIP Datasheet HTML 53Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
49
EN25Q32B
Rev. D, Issue Date: 2011/07/07
PACKAGE MECHANICAL
Figure 31. SOP 200 mil ( official name = 208 mil )
MIN.
NOR
MAX
A
1.75
1.975
2.20
A1
0.05
0.15
0.25
A2
1.70
1.825
1.95
D
5.15
5.275
5.40
E
7.70
7.90
8.10
E1
5.15
5.275
5.40
e
- - -
1.27
- - -
b
0.35
0.425
0.50
L
0.5
0.65
0.80
θ
0
0
4
0
8
0
Note : 1. Coplanarity: 0.1 mm
2. Max. allowable mold flash is 0.15 mm
at the pkg ends, 0.25 mm between leads.
SYMBOL
DIMENSION IN MM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com