Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MK50DX256CLL7 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MK50DX256CLL7
Description  K50 Sub-Family
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK50DX256CLL7 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MK50DX256CLL7 Datasheet HTML 59Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 60Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 61Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 62Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 63Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 64Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 65Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 66Page - Freescale Semiconductor, Inc MK50DX256CLL7 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
DS3
DS4
DS1
DS2
DS7
DS8
First data
Last data
DS5
First data
Data
Last data
DS6
Data
DSPI_PCSn
DSPI_SCK
(CPOL=0)
DSPI_SIN
DSPI_SOUT
Figure 23. DSPI classic SPI timing — master mode
Table 47. Slave mode DSPI timing (full voltage range)
Num
Description
Min.
Max.
Unit
Operating voltage
1.71
3.6
V
Frequency of operation
—
6.25
MHz
DS9
DSPI_SCK input cycle time
8 x tBUS
—
ns
DS10
DSPI_SCK input high/low time
(tSCK/2) - 4
(tSCK/2) + 4
ns
DS11
DSPI_SCK to DSPI_SOUT valid
—
20
ns
DS12
DSPI_SCK to DSPI_SOUT invalid
0
—
ns
DS13
DSPI_SIN to DSPI_SCK input setup
2
—
ns
DS14
DSPI_SCK to DSPI_SIN input hold
7
—
ns
DS15
DSPI_SS active to DSPI_SOUT driven
—
19
ns
DS16
DSPI_SS inactive to DSPI_SOUT not driven
—
19
ns
First data
Last data
First data
Data
Last data
Data
DS15
DS10
DS9
DS16
DS11
DS12
DS14
DS13
DSPI_SS
DSPI_SCK
(CPOL=0)
DSPI_SOUT
DSPI_SIN
Figure 24. DSPI classic SPI timing — slave mode
Peripheral operating requirements and behaviors
K50 Sub-Family Data Sheet, Rev. 2, 4/2012.
Freescale Semiconductor, Inc.
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com